Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4548 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SC4548
Description  HIGH VOLTAGE DRIVER APPLICATION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC4548 Datasheet(HTML) 3 Page - Unisonic Technologies

  2SC4548 Datasheet HTML 1Page - Unisonic Technologies 2SC4548 Datasheet HTML 2Page - Unisonic Technologies 2SC4548 Datasheet HTML 3Page - Unisonic Technologies 2SC4548 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UTC2SC4548 NPN EPITAXIAL PLANAR SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
3
QW-R208-027,A
Switch Time -Ic
5
2
Collector Current,Ic- mA
3
5
7
1.0
7
0.1
3
57
100
23
5 7
10
23
2
3
5
7
10
5
tstg
ton
tf
VCC=-150V
10IB1=-10IB2=IC
ASO
5
2
Collector to Emitter Voltage,VCE-V
3
5
7
1.0
7
1.0
3
57
100
23
5 7
10
23
5
2
3
5
7
100
2
3
5
7
Icp
Ic
10ms
100ms
1ms
DC Operation
Ta=25 *Single pulse
Mounted on ceramic board
(250mm2*0.8mm)
60
40
20
0
1.0
80
140
120
100
0.8
1.2
1.4
1.6
Pc -Ta
Ambient Temperature,
0.2
0.4
0.6
0
Ta -℃
Mounted on ceramic board
(250mm2*0.8mm)
160
7
VCE(sat)-Ic
5
2
2
Collector Current,Ic- mA
3
5
7
1.0
3
5
7
0.1
Ic/IB=10
1.0
2 3
57
100
23
5 7
10
2
, -30℃
TA=25℃
TA=70℃
7
2
Collector Current,Ic- mA
3
5
7
1.0
3
5
1.0 2 3
57
100
23
5 7
10
23
7
VBE(sat)-Ic
Ic/IB=10
TA=70
TA= -30
TA=25


Similar Part No. - 2SC4548

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4548 SANYO-2SC4548 Datasheet
102Kb / 3P
   High-Voltage Driver Applications
logo
SHIKUES Electronics
2SC4548 SKTECHNOLGY-2SC4548 Datasheet
1Mb / 2P
   High Breakdown Voltage Adoption of MBIT Process
logo
Guangdong Kexin Industr...
2SC4548 KEXIN-2SC4548 Datasheet
361Kb / 3P
   High-Voltage Driver Applications
logo
Nanjing International G...
2SC4548 DGNJDZ-2SC4548 Datasheet
490Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
Weitron Technology
2SC4548 WEITRON-2SC4548 Datasheet
399Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - 2SC4548

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1700 UTC-2SA1700_12 Datasheet
162Kb / 3P
   HIGH VOLTAGE DRIVER APPLICATION
2SA1740 UTC-2SA1740_15 Datasheet
185Kb / 5P
   HIGH VOLTAGE DRIVER APPLICATION
2SA1700 UTC-2SA1700_2 Datasheet
193Kb / 4P
   HIGH VOLTAGE DRIVER APPLICATION
2SA1740 UTC-2SA1740_12 Datasheet
193Kb / 5P
   HIGH VOLTAGE DRIVER APPLICATION
2SC4548 UTC-2SC4548_12 Datasheet
210Kb / 5P
   HIGH VOLTAGE DRIVER APPLICATION
logo
SHIKUES Electronics
2SA1740 SKTECHNOLGY-2SA1740 Datasheet
2Mb / 3P
   High voltage driver application
logo
Unisonic Technologies
2SA1740 UTC-2SA1740_09 Datasheet
160Kb / 5P
   HIGH VOLTAGE DRIVER APPLICATION
2SA1700 UTC-2SA1700 Datasheet
189Kb / 4P
   HIGH VOLTAGE DRIVER APPLICATION
2SA1740 UTC-2SA1740 Datasheet
188Kb / 4P
   HIGH VOLTAGE DRIVER APPLICATION
2SC4548 UTC-2SC4548_15 Datasheet
236Kb / 5P
   HIGH VOLTAGE DRIVER APPLICATION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com