Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HCU04E Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HCU04E
Description  High-Speed CMOS Logic Hex Inverter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HCU04E Datasheet(HTML) 9 Page - Texas Instruments

Back Button CD74HCU04E Datasheet HTML 2Page - Texas Instruments CD74HCU04E Datasheet HTML 3Page - Texas Instruments CD74HCU04E Datasheet HTML 4Page - Texas Instruments CD74HCU04E Datasheet HTML 5Page - Texas Instruments CD74HCU04E Datasheet HTML 6Page - Texas Instruments CD74HCU04E Datasheet HTML 7Page - Texas Instruments CD74HCU04E Datasheet HTML 8Page - Texas Instruments CD74HCU04E Datasheet HTML 9Page - Texas Instruments CD74HCU04E Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - CD74HCU04E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCU04E TI-CD74HCU04E Datasheet
40Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Hex Inverter
CD74HCU04E TI-CD74HCU04E Datasheet
397Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04E TI1-CD74HCU04E Datasheet
620Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04EE4 TI1-CD74HCU04EE4 Datasheet
620Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
More results

Similar Description - CD74HCU04E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC04 TI-CD54HC04 Datasheet
30Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Hex Inverter
CD74HCU04 TI-CD74HCU04 Datasheet
40Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Hex Inverter
CD54HC04F3A TI-CD54HC04F3A Datasheet
890Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04 TI-CD74HCU04_08 Datasheet
397Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04-Q1 TI1-CD74HCU04-Q1 Datasheet
501Kb / 11P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC HEX INVERTER
CD74HCU04 TI1-CD74HCU04_15 Datasheet
620Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
logo
ELM Technology Corporat...
ELM7SH04XB ELM-TECH-ELM7SH04XB Datasheet
278Kb / 3P
   HIGH SPEED CMOS LOGIC IC Inverter
logo
KODENSHI_AUK CORP.
KK74AC04 KODENSHI-KK74AC04 Datasheet
218Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
KK74ACT04 KODENSHI-KK74ACT04 Datasheet
216Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC04 INTEGRAL-IN74AC04 Datasheet
97Kb / 4P
   Hex Inverter High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com