Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD669L-X-TN3-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 2SD669L-X-TN3-T
Description  BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD669L-X-TN3-T Datasheet(HTML) 5 Page - Unisonic Technologies

  2SD669L-X-TN3-T Datasheet HTML 1Page - Unisonic Technologies 2SD669L-X-TN3-T Datasheet HTML 2Page - Unisonic Technologies 2SD669L-X-TN3-T Datasheet HTML 3Page - Unisonic Technologies 2SD669L-X-TN3-T Datasheet HTML 4Page - Unisonic Technologies 2SD669L-X-TN3-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2SD669/A
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R204-005,E
TYPICAL CHARACTERISTICS(Cont.)
Base to Emitter Voltage, VBE (V)
0
0.2
0.4
0.6
0.8
1.0
1
2
5
10
20
50
100
200
500
VCE=5V
Typical Transfer Characteristics
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 2SD669L-X-TN3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD669L-X-T6CB UTC-2SD669L-X-T6CB Datasheet
126Kb / 4P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SD669L-X-T6CK UTC-2SD669L-X-T6CK Datasheet
126Kb / 4P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SD669L-X-T6CR UTC-2SD669L-X-T6CR Datasheet
126Kb / 4P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SD669L-X-T92B UTC-2SD669L-X-T92B Datasheet
126Kb / 4P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SD669L-X-T92K UTC-2SD669L-X-T92K Datasheet
126Kb / 4P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
More results

Similar Description - 2SD669L-X-TN3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB649 UTC-2SB649 Datasheet
77Kb / 4P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SD669 UTC-2SD669_10 Datasheet
126Kb / 4P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SB649 UTC-2SB649_11 Datasheet
232Kb / 4P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SB649A UTC-2SB649A_15 Datasheet
300Kb / 5P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SB649 UTC-2SB649_09 Datasheet
194Kb / 4P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SD669 UTC-2SD669_12 Datasheet
138Kb / 4P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SD669A UTC-2SD669A_15 Datasheet
241Kb / 6P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
logo
Nell Semiconductor Co.,...
2SB649AM NELLSEMI-2SB649AM Datasheet
182Kb / 4P
   Bipolar General Purpose PNP Power Transistor
logo
Seme LAB
BC107 SEME-LAB-BC107 Datasheet
14Kb / 2P
   GENERAL PURPOSE SMALL SIGNAL NPN BIPOLAR TRANSISTOR
logo
New Jersey Semi-Conduct...
BC107 NJSEMI-BC107 Datasheet
92Kb / 2P
   GENERAL PURPOSE SMALL SIGNAL NPN BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com