Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MW6S004NT1 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MW6S004NT1
Description  RF Power Field Effect Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MW6S004NT1 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MW6S004NT1_07 Datasheet HTML 2Page - Freescale Semiconductor, Inc MW6S004NT1_07 Datasheet HTML 3Page - Freescale Semiconductor, Inc MW6S004NT1_07 Datasheet HTML 4Page - Freescale Semiconductor, Inc MW6S004NT1_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc MW6S004NT1_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc MW6S004NT1_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc MW6S004NT1_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc MW6S004NT1_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc MW6S004NT1_07 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
RF Device Data
Freescale Semiconductor
MW6S004NT1
TYPICAL CHARACTERISTICS
0−70
Pout, OUTPUT POWER (WATTS) AVG.
50
−20
40
−30
30
−40
20
−50
10
−60
0.01
1
10
Gps
ACPR
Figure 8. Single-Carrier CDMA ACPR, Power Gain
and Drain Efficiency versus Output Power
10
14
20
0.01
0
60
TC = −30_C
25
_C
−30
_C
1
19
18
17
16
40
30
20
10
Pout, OUTPUT POWER (WATTS) CW
Figure 9. Power Gain and Drain Efficiency
versus CW Output Power
Gps
Pout, OUTPUT POWER (WATTS) CW
Figure 10. Power Gain versus Output Power
IDQ = 50 mA
f = 1960 MHz
VDD = 24 V
7
15
19
06
17
16
18
23
4
12
22
1800
−25
0
S21
f, FREQUENCY (MHz)
Figure 11. Broadband Frequency Response
S11
20
−5
18
16
−10
−15
14
−20
2100
2050
2000
1950
1900
1850
VDD = 28 Vdc
Pout = 2 W CW
IDQ = 50 mA
85
_C
85
_C
8
5
1
VDD = 28 Vdc
IDQ = 50 mA
f = 1960 MHz
28 V
32 V
ηD
0.1
VDD = 28 Vdc, IDQ = 50 mA
f = 1960 MHz, N −CDMA IS−95 (Pilot, Sync,
Paging, Traffic Codes 8 Through 13)
15
0.1
50
ηD
18.5
17.5
16.5
15.5


Similar Part No. - MW6S004NT1_07

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MW6S004NT1 FREESCALE-MW6S004NT1 Datasheet
527Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
logo
NXP Semiconductors
MW6S004NT1 NXP-MW6S004NT1 Datasheet
550Kb / 13P
   RF Power Field Effect Transistor
Rev. 4, 6/2009
More results

Similar Description - MW6S004NT1_07

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
   RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
   RF Power Field Effect Transistor
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
   RF Power Field Effect Transistor
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
   RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
   RF Power Field-Effect Transistor
logo
Advanced Semiconductor
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
   RF FIELD-EFFECT POWER TRANSISTOR
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
   RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
   RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
   RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
   RF POWER FIELD-EFFECT TRANSISTOR
logo
Freescale Semiconductor...
MRF1517NT1 FREESCALE-MRF1517NT1 Datasheet
277Kb / 15P
   RF Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com