Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4533L-SM2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # A4533L-SM2-R
Description  LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

A4533L-SM2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  A4533L-SM2-R Datasheet HTML 1Page - Unisonic Technologies A4533L-SM2-R Datasheet HTML 2Page - Unisonic Technologies A4533L-SM2-R Datasheet HTML 3Page - Unisonic Technologies A4533L-SM2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
A4533
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R121-017,A
TEST CIRCUIT
5
4
3
2
1
6
7
8
9
10
A
ICC
220μ
VCC
VR
RIPPLE
DC
RL
16
4.7
0.1μ
VCC
OUT 2
POWER
GND
OUT 1
MT/SW
P/SW
IN 1
PRE GND
IN 2
REF
Unit (resistance: Ω, capacitance: F)
220μ
RL
16
0.1μ
4.7
MT/SW
P/SW
UTC A4533
Rg
1k
Rg
1k
SG
2
1
1
2
2
1
3
4
I1
V1
2
3
4
1
V10
I10
22μ
4.7μ
TYPICAL APPLICATON CIRCUIT
5
4
3
2
1
6
7
8
9
10
220μ
VCC
-
RL
16
4.7
0.1μ
VCC
OUT 2
POWER
GND
OUT 1
MT/SW
P/SW
IN 1
PRE GND
IN 2
REF
Unit (resistance: Ω, capacitance: F)
220μ
RL
16
0.1μ
4.7
MT/SW
P/SW
UTC A4533
22μ
SG
1
ON
1
OFF
OFF
ON
VR
VR
SG
2
+
4.7μ
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - A4533L-SM2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
A4533L-SM2-R UTC-A4533L-SM2-R Datasheet
145Kb / 4P
   LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
More results

Similar Description - A4533L-SM2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
A4533 UTC-A4533_15 Datasheet
168Kb / 4P
   LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
A4533 UTC-A4533_10 Datasheet
145Kb / 4P
   LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Weida Semiconductor, In...
YD7000 WEIDA-YD7000 Datasheet
31Kb / 4P
   POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Wuxi Youda electronics ...
YD7000 YOUDA-YD7000 Datasheet
92Kb / 4P
   POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
ON Semiconductor
LA4537MC-BH ONSEMI-LA4537MC-BH Datasheet
167Kb / 8P
   Power Amplifier for 1.5V Headphone Stereos
May, 2013
logo
Sanyo Semicon Device
LA4537M SANYO-LA4537M Datasheet
73Kb / 3P
   Power Amplifier for 1.5V Headphone Stereos?
LA4537MC SANYO-LA4537MC Datasheet
147Kb / 4P
   Power Amplifier For 1.5V Headphone Stereos
LA4533M SANYO-LA4533M Datasheet
72Kb / 3P
   Power Amplifier for 3V Headphone Stereos
logo
Rohm
BA3612AKV ROHM-BA3612AKV Datasheet
304Kb / 14P
   Pre-power amplifier for headphone stereos
logo
Sanyo Semicon Device
LA4537M SANYO-LA4537M_08 Datasheet
204Kb / 4P
   Power Amplifier For 1.5V Headphone Stereos
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com