Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6225-G09-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # A6225-G09-T
Description  DUAL PRE-AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

A6225-G09-T Datasheet(HTML) 5 Page - Unisonic Technologies

  A6225-G09-T Datasheet HTML 1Page - Unisonic Technologies A6225-G09-T Datasheet HTML 2Page - Unisonic Technologies A6225-G09-T Datasheet HTML 3Page - Unisonic Technologies A6225-G09-T Datasheet HTML 4Page - Unisonic Technologies A6225-G09-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
A6225
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5
www.unisonic.com.tw
QW-R107-039,A
TYPICAL CHARACTERISTICS
0
-20
-40
30 100 300
3k 10k
FREQUENCY, f (Hz)
RR - f
6
5
4
3
2
1
0
02
6
12 14
18
SUPPLY VOLTAGE, VCC (V)
IQ -VCC
8
VIN = 0
-70
100k
VCC = 6V
RG = 2.2kΩ
VRIPPLE = 0dBm
1k
30k
-70
-60
-10
-30
-50
410
16
90
70
40
30 100 300
3k 10k
FREQUENCY, f (Hz)
GV -f
7
6
5
3
2
1
0
30
300
3k
10k
30k
SIGNAL SOURCE RESISTANCE, RG (Ω)
VNI -RG
10
100k
1k
30k
0
20
80
60
30
100
1k
VCC = 6V
VOUT = 0dBm
RL = 10kΩ
NAB EQ
50
4
8 V
CC = 6V
RL = 10kΩ
DIN AUDIO FILTER
3.2
2.4
1.6
04
12
SUPPLY VOLTAGE, VCC (V)
VIN(NO) -VCC
-10
-20
-30
-60
-70
-80
-90
30
300
3k
30k 100k
FREQUENCY, f (Hz)
CS - f
20
816
0
0.8
100
1k
-40
0
RG = 2.2kΩ
RL = 10kΩ
DIN AUDIO FILTER
-50
10k
VCC = 6V
RL = 10kΩ
RG = 2.2kΩ
VOUT = 0dBm
0.4
1.2
2.0
2.8
2
6
10
14
18
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - A6225-G09-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A622 ETC2-A622 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
A622 TEKTRONIX-A622 Datasheet
2Mb / 36P
   Mixed Domain Oscilloscopes
A622 TEKTRONIX-A622 Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
A622 TEKTRONIX-A622 Datasheet
215Kb / 4P
   Current Probes
More results

Similar Description - A6225-G09-T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8125S TOSHIBA-TA8125S Datasheet
311Kb / 7P
   DUAL PRE-AMPLIFIER
TA7325P TOSHIBA-TA7325P Datasheet
521Kb / 7P
   DUAL PRE AMPLIFIER
logo
List of Unclassifed Man...
TA7417AP ETC-TA7417AP Datasheet
516Kb / 14P
   Dual pre amplifier system
logo
Rohm
BA3516 ROHM-BA3516 Datasheet
95Kb / 5P
   3V dual pre/power amplifier
BA3513AFS ROHM-BA3513AFS Datasheet
124Kb / 7P
   3V dual pre / power amplifier
logo
New Japan Radio
NJM2043 NJRC-NJM2043 Datasheet
218Kb / 5P
   LOW-NOISE DUAL PRE-AMPLIFIER
logo
Toshiba Semiconductor
TA7136AP TOSHIBA-TA7136AP Datasheet
339Kb / 5P
   PRE-AMPLIFIER FOR DUAL POWER SUPPLY VARIOUS HIGH QUALITY PRE-AMPLIFIER
logo
Panasonic Semiconductor
AN7310N PANASONIC-AN7310N Datasheet
348Kb / 4P
   Dual Pre-Amplifier for Car Radio
logo
Unisonic Technologies
TA7784P UTC-TA7784P Datasheet
206Kb / 4P
   DUAL PRE-AMPLIFIER FOR AUTO-REVERSE
UTCTA7668BP UTC-UTCTA7668BP Datasheet
88Kb / 4P
   DUAL PRE-AMPLIFIER FOR TAPE RECORDER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com