Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1207A Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1207A
Description  PWM Current?묺ode Controller for Free Running Quasi?뭃esonant Operation
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1207A Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1207A Datasheet HTML 5Page - ON Semiconductor NCP1207A Datasheet HTML 6Page - ON Semiconductor NCP1207A Datasheet HTML 7Page - ON Semiconductor NCP1207A Datasheet HTML 8Page - ON Semiconductor NCP1207A Datasheet HTML 9Page - ON Semiconductor NCP1207A Datasheet HTML 10Page - ON Semiconductor NCP1207A Datasheet HTML 11Page - ON Semiconductor NCP1207A Datasheet HTML 12Page - ON Semiconductor NCP1207A Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
NCP1207A
http://onsemi.com
9
The DSS behavior actually depends on the internal IC
consumption and the MOSFET’s gate charge Qg. If we
select a MOSFET like the MTP2N60E, Qg equals 22 nC
(max). With a maximum switching frequency selected at
75 kHz, the average power necessary to drive the MOSFET
(excluding the driver efficiency and neglecting various
voltage drops) is:
Fsw
⋅ Qg ⋅ VCC with:
Fsw = maximum switching frequency
Qg = MOSFET’s gate charge
VCC = VGS level applied to the gate
To obtain the output current, simply divide this result by
VCC: Idriver = FSW ⋅ Qg = 1.6 mA. The total standby power
consumption at no−load will therefore heavily rely on the
internal IC consumption plus the above driving current
(altered by the driver’s efficiency). Suppose that the IC is
supplied from a 350 VDC line. The current flowing through
pin 8 is a direct image of the NCP1207A consumption
(neglecting the switching losses of the HV current source).
If ICC2 equals 2.3 mA @ TJ = 60°C, then the power
dissipated (lost) by the IC is simply: 350 V x 2.3 mA =
805 mW. For design and reliability reasons, it would be
interested to reduce this source of wasted power that
increase the die temperature. This can be achieved by using
different methods:
1. Use a MOSFET with lower gate charge Qg.
2. Connect pin 8 through a diode (1N4007 typically) to
one of the mains input. The average value on pin 8
becomes
VmainsPEAK @ 2
p
. Our power contribution
example drops to: 223 V x 2.3 mA = 512 mW. If a
resistor is installed between the mains and the diode,
you further force the dissipation to migrate from the
package to the resistor. The resistor value should
account for low−line startups.
1
2
3
4
8
7
6
5
HV
1N4007
MAINS
6
5
12
Figure 13. A simple diode naturally reduces the
average voltage on Pin 8
Cbulk
When using Figure 13 option, it is important to check
the absence of any negative ringing that could occur
on pin 8. The resistor in series should help to damp
any parasitic LC network that would ring when
suddenly applying the power to the IC. Also, since
the power disappears during 10 ms (half−wave
rectification), CVCC should be calculated to supply
the IC during these holes in the supply
3. Permanently force the VCC level above VCCH with
an auxiliary winding. It will automatically
disconnect the internal startup source and the IC will
be fully self−supplied from this winding. Again, the
total power drawn from the mains will significantly
decrease. Make sure the auxiliary voltage never
exceeds the 16 V limit.
Skipping Cycle Mode
The NCP1207A automatically skips switching cycles
when the output power demand drops below a given level.
This is accomplished by monitoring the FB pin. In normal
operation, Pin 2 imposes a peak current accordingly to the
load value. If the load demand decreases, the internal loop
asks for less peak current. When this setpoint reaches a
determined level, the IC prevents the current from
decreasing further down and starts to blank the output
pulses: the IC enters the so−called skip cycle mode, also
named controlled burst operation. The power transfer now
depends upon the width of the pulse bunches (Figure 14) and
follows the following formula:
1
2 @
Lp @ Ip2 @ Fsw @ Dburst with:
Lp = primary inductance
Fsw = switching frequency within the burst
Ip = peak current at which skip cycle occurs
Dburst = burst width / burst recurrence
Figure 14. The skip cycle takes place at low peak
currents which guaranties noise free operation
0
300
200
100
MAX PEAK
CURRENT
WIDTH
RECURRENCE
SKIP CYCLE
CURRENT LIMIT
NORMAL CURRENT
MODE OPERATION


Similar Part No. - NCP1207A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1207A ONSEMI-NCP1207A Datasheet
197Kb / 16P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2004 ??Rev. 1
NCP1207A ONSEMI-NCP1207A Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1207A ONSEMI-NCP1207A Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1207A ONSEMI-NCP1207A Datasheet
264Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2007 - Rev. 8
NCP1207A ONSEMI-NCP1207A Datasheet
291Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
August, 2013 ??Rev. 12
More results

Similar Description - NCP1207A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1337 ONSEMI-NCP1337 Datasheet
138Kb / 14P
   PWM Current?묺ode Controller for Free Running Quasi?뭃esonant Operation
July, 2006 ??Rev. 2
NCP1377 ONSEMI-NCP1377_06 Datasheet
302Kb / 16P
   PWM Current?묺ode Controller for Free?뭃unning Quasi?뭃esonant Operation
October, 2006 ??Rev. 7
NCP1308 ONSEMI-NCP1308 Datasheet
201Kb / 16P
   PWM Current?묺ode Controller for Free?뭃unning Quasi?뭃esonant Operation
December, 2005 ??Rev. 2
NCP1378 ONSEMI-NCP1378_06 Datasheet
284Kb / 16P
   PWM Current?묺ode Controller for Free?뭃unning Quasi?뭃esonant Operation
October, 2006 ??Rev. 4
NCP1377 ONSEMI-NCP1377 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1207A ONSEMI-NCP1207A_10 Datasheet
401Kb / 17P
   PWM Current--Mode Controller for Free Running Quasi--Resonant Operation
December, 2010 -- Rev. 11
NCP1377 ONSEMI-NCP1377_11 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1338 ONSEMI-NCP1338 Datasheet
221Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1338 ONSEMI-NCP1338 Datasheet
160Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1207A ONSEMI-NCP1207A_07 Datasheet
264Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2007 - Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com