Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1207A Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1207A
Description  PWM Current?묺ode Controller for Free Running Quasi?뭃esonant Operation
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1207A Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1207A Datasheet HTML 1Page - ON Semiconductor NCP1207A Datasheet HTML 2Page - ON Semiconductor NCP1207A Datasheet HTML 3Page - ON Semiconductor NCP1207A Datasheet HTML 4Page - ON Semiconductor NCP1207A Datasheet HTML 5Page - ON Semiconductor NCP1207A Datasheet HTML 6Page - ON Semiconductor NCP1207A Datasheet HTML 7Page - ON Semiconductor NCP1207A Datasheet HTML 8Page - ON Semiconductor NCP1207A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NCP1207A
http://onsemi.com
3
Figure 2. Internal Circuit Architecture
+
VCC
HV
GND
Drv
Demag
+
Fault
Mngt.
+
7.0
mA
To Internal
Supply
+
12 V, 10 V,
5.3 V (fault)
PON
4.5 ms
Delay
+
+
5.0 V
OVP
/1.44
8.0 ms
Blanking
+
5.0 ms
Timeout
Demag
Demag
Overload?
Timeout
Reset
S
R
S*
Q
R*
Q
380 ns
L.E.B.
/3
1.0 V
10 V
50 mV
CS
FB
200 mA
when Drv
is OFF
Driver: src = 20
sink = 10
*S and R are level triggered whereas S is edge
triggered. R has priority over the other inputs.
VCC
Resd
Rint
4.2 V
Soft−Start = 1 ms
+
+
VUVLO
MAXIMUM RATINGS
Rating
Symbol
Value
Units
Power Supply Voltage, VCC Pin, Continuous Voltage
VCC Static
18
V
Transient Power Supply Voltage, Duration < 10 ms, IVCC < 20 mA
VCC Pulse
25
V
Maximum Voltage on all other pins except Pin 8 (HV), Pin 6 (VCC) Pin 5 (Drv) and Pin 1 (Demag)
−0.3 to 10
V
Maximum Current into all pins except VCC (6), HV (8) and Demag (1) when 10 V ESD diodes are
activated
5.0
mA
Maximum Current in Pin 1
Idem
+3.0/−2.0
mA
Thermal Resistance, Junction−to−Case
RqJC
57
°C/W
Thermal Resistance, Junction−to−Air, SOIC version
RqJA
178
°C/W
Thermal Resistance, Junction−to−Air, DIP8 version
RqJA
100
°C/W
Operating Junction Temperature
TJ
−40 to +125
°C
Maximum Junction Temperature
TJMAX
150
°C
Temperature Shutdown
155
°C
Hysteresis in Shutdown
30
°C
Storage Temperature Range
−60 to +150
°C
ESD Capability, HBM Model (All pins except HV)
2.0
kV
ESD Capability, Machine Model
200
V


Similar Part No. - NCP1207A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1207A ONSEMI-NCP1207A Datasheet
197Kb / 16P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2004 ??Rev. 1
NCP1207A ONSEMI-NCP1207A Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1207A ONSEMI-NCP1207A Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1207A ONSEMI-NCP1207A Datasheet
264Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2007 - Rev. 8
NCP1207A ONSEMI-NCP1207A Datasheet
291Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
August, 2013 ??Rev. 12
More results

Similar Description - NCP1207A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1337 ONSEMI-NCP1337 Datasheet
138Kb / 14P
   PWM Current?묺ode Controller for Free Running Quasi?뭃esonant Operation
July, 2006 ??Rev. 2
NCP1377 ONSEMI-NCP1377_06 Datasheet
302Kb / 16P
   PWM Current?묺ode Controller for Free?뭃unning Quasi?뭃esonant Operation
October, 2006 ??Rev. 7
NCP1308 ONSEMI-NCP1308 Datasheet
201Kb / 16P
   PWM Current?묺ode Controller for Free?뭃unning Quasi?뭃esonant Operation
December, 2005 ??Rev. 2
NCP1378 ONSEMI-NCP1378_06 Datasheet
284Kb / 16P
   PWM Current?묺ode Controller for Free?뭃unning Quasi?뭃esonant Operation
October, 2006 ??Rev. 4
NCP1377 ONSEMI-NCP1377 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1207A ONSEMI-NCP1207A_10 Datasheet
401Kb / 17P
   PWM Current--Mode Controller for Free Running Quasi--Resonant Operation
December, 2010 -- Rev. 11
NCP1377 ONSEMI-NCP1377_11 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1338 ONSEMI-NCP1338 Datasheet
221Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1338 ONSEMI-NCP1338 Datasheet
160Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1207A ONSEMI-NCP1207A_07 Datasheet
264Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2007 - Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com