Selected language     English  ▼


BU941 Datasheet(PDF) 4 Page - Unisonic Technologies

Part No. BU941
Description  NPN POWER DARLINGTON HIGH VOLTAGE IGNITION COIL DRIVER
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UTC [Unisonic Technologies]
Homepage  http://www.utc-ic.com
Logo 

   
 4 page
background image
UTCBU941
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
4
QW-R203-025,A
2.2
2
1.8
1.6
1.4
1.2
1
8
6
4
2
10
Collector Current, IC(A)
Base-emitter Saturation Voltage
0
hFE=100
-40℃
125℃
Tc=25℃
2.4
12
10
1
10-1
18
6
4
2
Collector current, IC(A)
Switching Time
10
Vclamp=300V,
VCC=12V, hFE=100,
RBE=47Ω, L=7mH,
Tc=25℃
12
ts
tf
Safe Operating Area
8
6
4
2
101
100
8
6
4
2
8
6
4
2
10-1
4
2
10-2
100
8
6
4
2
101
8
6
4
2
102
8
6
4
2
Ic MAX PULSED
Collector-Emitter Voltage, VCE (V)
* For single non
repelitive pulse
Ic MAX
CONT
10μs
10ms
D.C.
100
μ
s
1ms
PULSE OPERATION *
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BU931T_03HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
BU941ZP_05HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON TRANSISTORS 1 2 3 4 5 MoreSTMicroelectronics
ST901T_05HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER TRANSISTOR 1 2 3 4 5 STMicroelectronics
VB927THIGH VOLTAGE IGNITION COIL DRIVER POWER I.C. 1 2 3 4 5 STMicroelectronics
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
BU323Z_06NPN Silicon Power Darlington High Voltage Autoprotected 1 2 3 4 5 MoreON Semiconductor
BUB323Z_05NPN Silicon Power Darlington High Voltage Autoprotected D2PAK for Surface Mount 1 2 3 4 5 MoreON Semiconductor
BUL7216HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
MD1802FXHigh voltage NPN Power transistor for standard Definition CRT display 1 2 3 4 5 MoreSTMicroelectronics
STX13005_05HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl