Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8144-AB3-D-B Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 8144-AB3-D-B
Description  POWER RESET IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8144-AB3-D-B Datasheet(HTML) 5 Page - Unisonic Technologies

  8144-AB3-D-B Datasheet HTML 1Page - Unisonic Technologies 8144-AB3-D-B Datasheet HTML 2Page - Unisonic Technologies 8144-AB3-D-B Datasheet HTML 3Page - Unisonic Technologies 8144-AB3-D-B Datasheet HTML 4Page - Unisonic Technologies 8144-AB3-D-B Datasheet HTML 5Page - Unisonic Technologies 8144-AB3-D-B Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
81XX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R119-001,J
MEASURING CIRCUITS
V2
V1
VCC
UTC 81XX
RL
10μF
/10V
+
1)
GND
VCC
VOUT
V2
V1
VCC
UTC 81XX
10μF
/10V
+
2)
GND
VCC
VOUT
A
VOUT
VCC
UTC
81XX
10μF
/10V
+
3)
GND
VCC
VOUT
V
A
INPUT
PULSE
UTC
81XX
5.0V
CL
4)
+
CRT
10μF
/10V
RL = 4.7K
0.2UF
GND
VCC
VOUT
NOTE:
1.)
A: DC AMMETER
V: DC VOLTMETER
CRT: OSCILLOSCOPE
2.)
INPUT PULSE
VsTyp. +0.4V
VsTyp. -0.4V
0V


Similar Part No. - 8144-AB3-D-B

ManufacturerPart #DatasheetDescription
logo
Bi technologies
8144 BITECH-8144 Datasheet
217Kb / 4P
   Precision Potentiometer / Position Sensor
logo
Heyco.
8144 HEYCO-8144 Datasheet
187Kb / 1P
   Ring and Spade Terminals
More results

Similar Description - 8144-AB3-D-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
81XX UTC-81XX_15 Datasheet
241Kb / 7P
   POWER RESET IC
81XX UTC-81XX_10 Datasheet
198Kb / 6P
   POWER RESET IC
81XX UTC-81XX_12 Datasheet
237Kb / 6P
   POWER RESET IC
81XX UTC-81XX_15 Datasheet
241Kb / 7P
   POWER RESET IC
logo
Global Mixed-mode Techn...
G678 GMT-G678 Datasheet
76Kb / 1P
   Micro-Power Reset IC
logo
Shanghai Consonance Ele...
CN803 CONSONANCE-CN803 Datasheet
144Kb / 7P
   Ultra Low Power Microprocessor Reset IC
logo
ACE Technology Co., LTD...
ACE803N ACE-ACE803N Datasheet
651Kb / 8P
   Ultra Low Power Microprocessor Reset IC
VER 1.2
logo
KODENSHI_AUK CORP.
BMR-0301 KODENSHI-BMR-0301 Datasheet
312Kb / 2P
   System Reset IC
BMR-0201 KODENSHI-BMR-0201 Datasheet
314Kb / 2P
   System Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
   Microprocessor Reset IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com