Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA123Y Datasheet(PDF) 1 Page - Unisonic Technologies

Part # DTA123Y
Description  PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTA123Y Datasheet(HTML) 1 Page - Unisonic Technologies

  DTA123Y Datasheet HTML 1Page - Unisonic Technologies DTA123Y Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTCDTA123Y
PNP DIGITAL TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R206-070,A
PNP DIGITAL TRANSISTOR
(BUILT-IN RESISTORS)
FEATURES
*Built-in bias resistors enable the configuration of an inverter
circuit without connecting external input resistors (see
equivalent circuit).
*The bias resistors consist of thin-film resistors with complete
isolation to allow positive biasing of the input They also
have the advantage of almost completely eliminating
parasitic effects.
*Only the on / off conditions need to be set for operation,
making device design easy.
EQUIVALENT CIRCUIT
IN
OUT
OUT
IN
R1
R2
GND (+)
GND (+)
MARKING
AC3Y
SOT-23
1
2
3
1: GND
2: IN
3: OUT
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-50
V
Input Voltage
VIN
-12 ~ +5
V
IO
-100
Output Current
IC(max)
-100
mA
Power Dissipation
PD
200
mW
Junction Temperature
Tj
150
Storage Temperature
Tstg
-55 ~ +150
ELECTRICAL CHARACTERISTICS (Ta=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
VI(off)
VcC= -5V, IO=-100μA
-0.3
Input Voltage
VI(on)
VO= -0.3V, IO= -20mA
-3
V
Output Voltage
VO(on)
IO/II= -10mA / -0.5 mA
-0.3
V
Input Current
II
VI= -5V
-3.8
mA
Output Current
IO(off)
VCC= -50V, VI=0V
-0.5
μ
A
DC Current Gain
GI
VO= -5V, IO= -10mA
33
Input Resistance
R1
1.54
2.2
2.86
Resistance Ratio
R2/R1
3.6
4.5
5.5
Transition Frequency
fT
VCE= -10 V, IE= 5mA, f=100MHz*
250
MHz
*Transition frequency of the device


Similar Part No. - DTA123Y

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA123Y ROHM-DTA123Y Datasheet
704Kb / 9P
   DIGITAL TRANSISTOR
logo
Unisonic Technologies
DTA123Y UTC-DTA123Y Datasheet
115Kb / 2P
   DIGITAL TRANSISTORS
logo
Rohm
DTA123Y ROHM-DTA123Y Datasheet
1Mb / 11P
   PNP -100mA -50V Digital Transistor
DTA123Y ROHM-DTA123Y Datasheet
1Mb / 13P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
20170609 - Rev.001
logo
Cystech Electonics Corp...
DTA123YC3 CYSTEKEC-DTA123YC3 Datasheet
284Kb / 6P
   PNP Digital Transistors
More results

Similar Description - DTA123Y

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTA124E UTC-DTA124E Datasheet
112Kb / 3P
   PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTA143Z UTC-DTA143Z Datasheet
114Kb / 2P
   PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
logo
Guilin Strong Micro-Ele...
GMDTA114E GSME-GMDTA114E Datasheet
271Kb / 3P
   PNP DIGITAL TRANSISTOR(BUILT-IN RESISTORS)
logo
Unisonic Technologies
DTA115E UTC-DTA115E_05 Datasheet
85Kb / 2P
   PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTA115E UTC-DTA115E Datasheet
87Kb / 2P
   PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTA114E UTC-DTA114E Datasheet
46Kb / 3P
   PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTA143E UTC-DTA143E Datasheet
114Kb / 2P
   PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTA114Y UTC-DTA114Y Datasheet
96Kb / 2P
   PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTB143E UTC-DTB143E Datasheet
113Kb / 2P
   PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTB143E UTC-DTB143E_15 Datasheet
174Kb / 3P
   PNP DIGITAL TRANSISTOR BUILT-IN RESISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com