Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMPA2266 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # RMPA2266
Description  WCDMA Band I Power Amplifier Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RMPA2266 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  RMPA2266 Datasheet HTML 1Page - Fairchild Semiconductor RMPA2266 Datasheet HTML 2Page - Fairchild Semiconductor RMPA2266 Datasheet HTML 3Page - Fairchild Semiconductor RMPA2266 Datasheet HTML 4Page - Fairchild Semiconductor RMPA2266 Datasheet HTML 5Page - Fairchild Semiconductor RMPA2266 Datasheet HTML 6Page - Fairchild Semiconductor RMPA2266 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
©200
7 Fairchild Semiconductor Corporation
www.fairchildsemi.com
RMPA2266 i-Lo™ Rev. D
5
PRELIMINARY
Package Outline
Signal Descriptions
Pin #
Signal Name
Description
1
Vcc1
Supply Voltage to Input Stage
2
RF In
RF Input Signal
3
GND
Ground
4
Vmode
High Power/Low Power Mode Control
5
Vref
Reference Voltage
6
GND
Ground
7
GND
Ground
8
RF Out
RF Output Signal
9
GND
Ground
10
Vcc2
Supply Voltage to Output Stage
11
GND
Paddle Ground
1
I/O 1 INDICATOR
TOP VIEW
FRONT VIEW
BOTTOM VIEW
DETAIL A. TYP.
(4.00mm
1.1mm MAX.
.30mm TYP.
.18mm
3.65mm
.85mm TYP.
.25mm TYP.
1.08mm
1.84mm
3.50mm TYP.
See Detail A
) SQUARE
+.100
–.050
2
3
4
5
10
9
8
7
6
11
1
2
.40mm
.10mm
.10mm
.40mm
.45mm


Similar Part No. - RMPA2266

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA2263 FAIRCHILD-RMPA2263 Datasheet
135Kb / 7P
   WCDMA Power Amplifier Module 1920-1980 MHz
RMPA2265 FAIRCHILD-RMPA2265 Datasheet
611Kb / 12P
   Dual Band WCDMA Power Amplifier Module 1850 to 1910 MHz and 1920 to 1980 MHz
More results

Similar Description - RMPA2266

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA0966 FAIRCHILD-RMPA0966_07 Datasheet
189Kb / 7P
   WCDMA Band V Power Amplifier Module
RMPA1966 FAIRCHILD-RMPA1966_07 Datasheet
191Kb / 7P
   WCDMA Band II Power Amplifier Module
RMPA1766 FAIRCHILD-RMPA1766 Datasheet
191Kb / 7P
   WCDMA Band IV Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77186 SKYWORKS-SKY77186 Datasheet
69Kb / 2P
   Power Amplifier Module for WCDMA / HSDPA Band I (1920-1980 MHz)
logo
Broadcom Corporation.
AJAV-6101 BOARDCOM-AJAV-6101 Datasheet
178Kb / 2P
   WCDMA/HSPA Band | Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AJAV-6101 AVAGO-AJAV-6101 Datasheet
178Kb / 2P
   WCDMA/HSPA Band Power Amplifier
logo
Fairchild Semiconductor
RMPA1966 FAIRCHILD-RMPA1966 Datasheet
510Kb / 7P
   RMPA1966 I-Lo TM WCDMA Band II Power Amplifier Module, 1850-1910 MHz
RMPA2059 FAIRCHILD-RMPA2059 Datasheet
246Kb / 7P
   WCDMA PowerEdge Power Amplifier Module
logo
EPCOS
B5127 EPCOS-B5127 Datasheet
131Kb / 8P
   SAW filter WCDMA Band I
logo
TriQuint Semiconductor
TQM676021 TRIQUINT-TQM676021 Datasheet
116Kb / 1P
   WCDMA/HSUPA Band I Tritium III PA-Duplexer Module?
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com