Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65240 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65240
Description  USB PORT TRANSIENT SUPPRESSORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65240 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65240 Datasheet HTML 2Page - Texas Instruments SN65240 Datasheet HTML 3Page - Texas Instruments SN65240 Datasheet HTML 4Page - Texas Instruments SN65240 Datasheet HTML 5Page - Texas Instruments SN65240 Datasheet HTML 6Page - Texas Instruments SN65240 Datasheet HTML 7Page - Texas Instruments SN65240 Datasheet HTML 8Page - Texas Instruments SN65240 Datasheet HTML 9Page - Texas Instruments SN65240 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - SN65240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65240 TI-SN65240 Datasheet
227Kb / 9P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
SN65240 TI-SN65240 Datasheet
415Kb / 12P
[Old version datasheet]   USB PORT TRANSIENT SUPPERSSORS
SN65240P TI-SN65240P Datasheet
227Kb / 9P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
SN65240P TI-SN65240P Datasheet
415Kb / 12P
[Old version datasheet]   USB PORT TRANSIENT SUPPERSSORS
SN65240PE4 TI-SN65240PE4 Datasheet
415Kb / 12P
[Old version datasheet]   USB PORT TRANSIENT SUPPERSSORS
More results

Similar Description - SN65240

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPSN65220DBVR TECHPUBLIC-TPSN65220DBVR Datasheet
1Mb / 4P
   USB PORT TRANSIENT SUPPRESSORS
logo
Texas Instruments
SN65220 TI-SN65220 Datasheet
227Kb / 9P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
SN65220-Q1 TI-SN65220-Q1 Datasheet
132Kb / 5P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
SN65220 TI-SN65220_07 Datasheet
415Kb / 12P
[Old version datasheet]   USB PORT TRANSIENT SUPPERSSORS
logo
Solid States Devices, I...
T00027 SSDI-T00027_15 Datasheet
318Kb / 2P
   TRANSIENT SUPPRESSORS
ST5KA5.0 SSDI-ST5KA5.0 Datasheet
318Kb / 2P
   TRANSIENT SUPPRESSORS
logo
Microsemi Corporation
1N6461 MICROSEMI-1N6461 Datasheet
63Kb / 2P
   TRANSIENT SUPPRESSORS
logo
Digitron Semiconductors
1N6461 DIGITRON-1N6461 Datasheet
193Kb / 3P
   TRANSIENT SUPPRESSORS
logo
Solid States Devices, I...
T00027 SSDI-T00027 Datasheet
318Kb / 2P
   TRANSIENT SUPPRESSORS
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com