Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS390 Datasheet(PDF) 1 Page - Rohm

Part # 1SS390
Description  Band switching diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

1SS390 Datasheet(HTML) 1 Page - Rohm

  1SS390 Datasheet HTML 1Page - Rohm 1SS390 Datasheet HTML 2Page - Rohm 1SS390 Datasheet HTML 3Page - Rohm 1SS390 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1SS390
Diodes
Rev.B
1/3
Band switching diode
1SS390
Application
External dimensions (Unit : mm)
Lead size figure (Unit : mm)
High frequency switching
Features
1) Ultra small mold type. (EMD2)
2) High reliability
Construction
Structure
ROHM : EMD2
JEITA : SC-79
JEDEC :SOD-523
0.12±0.05
0.6±0.1
0.3±0.05
0.8±0.05
EMD2
0.8
Silicon epitaxial planer
Taping dimensions (Unit : mm)
0.95±0.06
0
4.0±0.1
4.0±0.1
2.0±0.05
φ1.5±0.05
0.2±0.05
0.76±0.05
φ0.5
2.0±0.05
空ポケット
0.2
Absolute maximum ratings (Ta=25
°C)
Symbol
Unit
IF
mA
VR
V
Tj
Tstg
Limits
35
100
125
-55 to +125
Parameter
F
orward voltage
orward current
F
Junction temperature
Storage temperature
Electrical characteristics (Ta=25
°C)
orward voltage
ard operating resistance
pacitance between terminals
verse current
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VF
--
1.0
V
IF=10mA
IR
-
-
10
nA
VR=25V
Ct
-
-
1.2
pF
VR=6V , f=1MHz
rf
-
-
0.9
Ω
IF=2mA , f=100MHz , RL=100Ω
F
Re
Ca
Forw


Similar Part No. - 1SS390

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS390 ROHM-1SS390 Datasheet
51Kb / 2P
   Band switching diode
logo
Pan Jit International I...
1SS390 PANJIT-1SS390 Datasheet
95Kb / 3P
   SURFACE MOUNT PIN DIODE
logo
Guangdong Kexin Industr...
1SS390 KEXIN-1SS390 Datasheet
30Kb / 1P
   Band switching diode
logo
SEMTECH ELECTRONICS LTD...
1SS390 SEMTECH_ELEC-1SS390 Datasheet
130Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
Rohm
1SS390 ROHM-1SS390 Datasheet
1Mb / 4P
   Band Switching Diode
More results

Similar Description - 1SS390

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BA892 LRC-BA892 Datasheet
91Kb / 2P
   Band-switching diode
logo
NXP Semiconductors
BA892 PHILIPS-BA892 Datasheet
62Kb / 8P
   Band-switching diode
1998 May 08
BA891_N_15 PHILIPS-BA891_N_15_15 Datasheet
243Kb / 6P
   Band-switching diode
Rev. 04-8 January 2008
logo
Rohm
DAN235ETL ROHM-DAN235ETL Datasheet
321Kb / 6P
   Band Switching Diode
logo
KODENSHI_AUK CORP.
SDP410D KODENSHI-SDP410D Datasheet
52Kb / 3P
   Band switching Diode
SDP410Q KODENSHI-SDP410Q Datasheet
177Kb / 3P
   Band switching Diode
logo
Leshan Radio Company
L1SS356T1G LRC-L1SS356T1G_15 Datasheet
67Kb / 3P
   Band Switching Diode
logo
SEMTECH ELECTRONICS LTD...
1SS356WS SEMTECH_ELEC-1SS356WS Datasheet
207Kb / 3P
   BAND SWITCHING DIODE
logo
NXP Semiconductors
BA277 NXP-BA277 Datasheet
224Kb / 6P
   Band-switching diode
Rev. 02-7 January 2008
logo
SEMTECH ELECTRONICS LTD...
1SS277WT SEMTECH_ELEC-1SS277WT_11 Datasheet
504Kb / 3P
   BAND SWITCHING DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com