Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC846-C-AL3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BC846-C-AL3-R
Description  SWITCHING AND AMPLIFIER APPLICATION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BC846-C-AL3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  BC846-C-AL3-R Datasheet HTML 1Page - Unisonic Technologies BC846-C-AL3-R Datasheet HTML 2Page - Unisonic Technologies BC846-C-AL3-R Datasheet HTML 3Page - Unisonic Technologies BC846-C-AL3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC846-BC850
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R206-027,C
ABSOLUTE MAXIMUM RATING (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
VALUE
UNIT
BC846
80
V
BC847 / BC850
50
V
Collector-Base Voltage
BC848 / BC849
VCBO
30
V
BC846
65
V
BC847 / BC850
45
V
Collector-Emitter Voltage
BC848 / BC849
VCEO
30
V
BC846 / BC847
6
V
Emitter-Base Voltage
BC848 / BC849 /
BC850
VEBO
5
V
Collector Current (DC)
Ic
100
mA
SOT-23
310
mW
Collector Dissipation
SOT-323
PD
200
mW
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector Cut-Off Current
ICBO
VCB=30V, IE=0
15
nA
DC Current Gain
hFE
VCE=5.0V, Ic=2.0mA
110
800
Ic=10mA,IB=0.5mA
90
250
mV
Collector-Emitter Saturation Voltage
VCE(SAT)
Ic=100mA,IB=5.0mA
200
600
mV
Ic=10mA,IB=0.5mA
700
mV
Collector-Base Saturation Voltage
VBE(SAT)
Ic=100mA,IB=5.0mA
900
mV
VCE=5.0V,Ic=2.0mA
580
660
700
mV
Base-Emitter On Voltage
VBE(ON)
VCE=5.0V,Ic=10mA
720
mV
Current Gain Bandwidth Product
fT
VCE=5.0V,Ic=10mA
f=100MHz
300
MHz
Output Capacitance
Cob
VCB=10V, IE=0, f=1.0MHz
3.5
6
pF
Input Capacitance
Cib
VEB=0.5V, IC=0, f=1.0MHz
9
pF
BC846/BC847/BC848
2
10
dB
BC849/BC850
1.2
4
dB
BC849
1.4
4
dB
Noise Figure
BC850
NF
VCE=5V, Ic=200µA,
f=1KHz, RG=2KΩ
VCE=5V, IC=200µA,
RG=2KΩ, f=30~15000Hz
1.4
3
dB
CLASSIFICATION OF hFE
RANK
A
B
C
RANGE
110-220
200-450
420-800


Similar Part No. - BC846-C-AL3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC846-06 FAIRCHILD-BC846-06 Datasheet
149Kb / 5P
   NPN Epitaxial Silicon Transistor
logo
Pan Jit International I...
BC846-AU PANJIT-BC846-AU Datasheet
276Kb / 8P
   NPN GENERAL PURPOSE TRANSISTORS
BC846-AU_0_00001 PANJIT-BC846-AU_0_00001 Datasheet
276Kb / 8P
   NPN GENERAL PURPOSE TRANSISTORS
BC846-AU_0_10001 PANJIT-BC846-AU_0_10001 Datasheet
276Kb / 8P
   NPN GENERAL PURPOSE TRANSISTORS
BC846-AU_1_00001 PANJIT-BC846-AU_1_00001 Datasheet
276Kb / 8P
   NPN GENERAL PURPOSE TRANSISTORS
More results

Similar Description - BC846-C-AL3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BC848 UTC-BC848_15 Datasheet
215Kb / 5P
   SWITCHING AND AMPLIFIER APPLICATION
BC327 UTC-BC327_15 Datasheet
208Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC328 UTC-BC328_15 Datasheet
208Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC558 UTC-BC558_15 Datasheet
396Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC846 UTC-BC846_11 Datasheet
253Kb / 5P
   SWITCHING AND AMPLIFIER APPLICATION
BC548 UTC-BC548_15 Datasheet
199Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC858 UTC-BC858_15 Datasheet
120Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC338 UTC-BC338_15 Datasheet
177Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATION
BC337 UTC-BC337_15 Datasheet
177Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATION
BC808 UTC-BC808_15 Datasheet
197Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com