Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAND512R3M2BZB5E Datasheet(PDF) 7 Page - STMicroelectronics

Part # NAND512R3M2BZB5E
Description  256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND512R3M2BZB5E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button NAND512R3M2BZB5E Datasheet HTML 3Page - STMicroelectronics NAND512R3M2BZB5E Datasheet HTML 4Page - STMicroelectronics NAND512R3M2BZB5E Datasheet HTML 5Page - STMicroelectronics NAND512R3M2BZB5E Datasheet HTML 6Page - STMicroelectronics NAND512R3M2BZB5E Datasheet HTML 7Page - STMicroelectronics NAND512R3M2BZB5E Datasheet HTML 8Page - STMicroelectronics NAND512R3M2BZB5E Datasheet HTML 9Page - STMicroelectronics NAND512R3M2BZB5E Datasheet HTML 10Page - STMicroelectronics NAND512R3M2BZB5E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
NAND256-M, NAND512-M, NAND01G-M
Summary description
7/23
LPSDRAM Component
The NAND256-M and NAND512-M devices contain either:
one M65KA256AL: 256Mbit (x16) Single Data Rate (SDR) LPSDRAM
two M65KA256AL: 256Mbit (x16) Single Data Rate (SDR) LPSDRAMs (SDR0 and
SDR1)
one M65KG256AF: 256Mbit (x16) Double Data Rate (DDR) LPSDRAM
one M65KG512AB: 512Mbit (x16) Double Data Rate (DDR) LPSDRAM
one M65KC512AB: 512Mbit (x32) Single Data Rate (SDR) LPSDRAM
Refer to Table 1: Product List, for a description of the memories contained in the NAND256-
M, NAND256-M and NAND01G-M devices.
For detailed information on how to use the SDR LPSDRAM devices, refer to the
M65KA256AL and M65KC512AB datasheets which are available from your local
STMicroelectronics distributor.
For detailed information on how to use the DDR LPSDRAM device, refer to the
M65KG256AB datasheet which is available from your local STMicroelectronics distributor.
Figure 1.
Logic Diagram: NAND Flash & 1 x SDR LPSDRAM
Ai11024b
13
A0-A12
DQ0-DQ15
16
K
KE
WD
VDDQD
ED
CAS
DQM0
DQM1
VDDF
WF
VDDD
NAND256-M
NAND512-M
NAND01G-M
EF
VSSD
WP
AL
CL
RB
R
RAS
2
BA0-BA1
8/16
I/O8-I/O15, x16
I/O0-I/O7, x8/x16
VSSQD
VSSF


Similar Part No. - NAND512R3M2BZB5E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND512R3A STMICROELECTRONICS-NAND512R3A Datasheet
916Kb / 57P
   128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
NAND512R3A0AN1 STMICROELECTRONICS-NAND512R3A0AN1 Datasheet
916Kb / 57P
   128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
NAND512R3A0AN1E STMICROELECTRONICS-NAND512R3A0AN1E Datasheet
916Kb / 57P
   128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
NAND512R3A0AN1F STMICROELECTRONICS-NAND512R3A0AN1F Datasheet
916Kb / 57P
   128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
NAND512R3A0AN1T STMICROELECTRONICS-NAND512R3A0AN1T Datasheet
916Kb / 57P
   128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
More results

Similar Description - NAND512R3M2BZB5E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND128-A STMICROELECTRONICS-NAND128-A Datasheet
916Kb / 57P
   128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
NAND512R3A2C STMICROELECTRONICS-NAND512R3A2C Datasheet
674Kb / 51P
   512 Mbit, 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
logo
Numonyx B.V
NAND512R3A2C NUMONYX-NAND512R3A2C Datasheet
1Mb / 51P
   512 Mbit, 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
logo
STMicroelectronics
NAND01G-N STMICROELECTRONICS-NAND01G-N Datasheet
217Kb / 23P
   1 Gbit (x8/x16) 2112 Byte Page NAND Flash Memory and 512 Mbit (x16) LPSDRAM, 1.8V, Multi-Chip Package
logo
SPANSION
S30MS-P SPANSION-S30MS-P Datasheet
944Kb / 41P
   1Gb/512Mb, x8/x16, 1.8 Volt NAND Interface Memory Based on MirrorBit??Technology
logo
Integrated Silicon Solu...
IS43DR16320B-37CBLI ISSI-IS43DR16320B-37CBLI Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
logo
Micron Technology
MT48LC128M4A2 MICRON-MT48LC128M4A2_07 Datasheet
2Mb / 68P
   512Mb x4, x8, x16 SDRAM
logo
Integrated Silicon Solu...
IS43DR86400B ISSI-IS43DR86400B Datasheet
760Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR86400 ISSI-IS43DR86400 Datasheet
867Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
logo
Micron Technology
MT47H64M8B6-25ELDTR MICRON-MT47H64M8B6-25ELDTR Datasheet
2Mb / 133P
   512Mb: x4, x8, x16 DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com