Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N60L-TN3-T Datasheet(PDF) 8 Page - Unisonic Technologies

Part # 1N60L-TN3-T
Description  1.2 Amps, 600 Volts N-CHANNEL MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N60L-TN3-T Datasheet(HTML) 8 Page - Unisonic Technologies

  1N60L-TN3-T Datasheet HTML 1Page - Unisonic Technologies 1N60L-TN3-T Datasheet HTML 2Page - Unisonic Technologies 1N60L-TN3-T Datasheet HTML 3Page - Unisonic Technologies 1N60L-TN3-T Datasheet HTML 4Page - Unisonic Technologies 1N60L-TN3-T Datasheet HTML 5Page - Unisonic Technologies 1N60L-TN3-T Datasheet HTML 6Page - Unisonic Technologies 1N60L-TN3-T Datasheet HTML 7Page - Unisonic Technologies 1N60L-TN3-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
1N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
8 of 8
www.unisonic.com.tw
QW-R502-052,D
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 1N60L-TN3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N60L-TN3-T UTC-1N60L-TN3-T Datasheet
282Kb / 6P
   1.2A, 600V N-CHANNEL POWER MOSFET
logo
ARTSCHIP ELECTRONICS CO...
1N60L-TN3-T ARTSCHIP-1N60L-TN3-T Datasheet
395Kb / 8P
   N-CHANNEL MOSFET
logo
VBsemi Electronics Co.,...
1N60L-TN3-T VBSEMI-1N60L-TN3-T Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - 1N60L-TN3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N60 UTC-1N60_10 Datasheet
275Kb / 6P
   1.2 Amps, 600/650 Volts N-CHANNEL MOSFET
1N70 UTC-1N70 Datasheet
217Kb / 8P
   1.2 Amps, 700 Volts N-CHANNEL MOSFET
2N60 UTC-2N60 Datasheet
142Kb / 8P
   2 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK7N60P FS-FTK7N60P Datasheet
248Kb / 6P
   7.0 Amps, 600 Volts N-CHANNEL MOSFET
FTK10N60PD FS-FTK10N60PD Datasheet
373Kb / 7P
   10 Amps, 600 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
1N60A UTC-1N60A Datasheet
139Kb / 8P
   0.5 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK7N60PD FS-FTK7N60PD Datasheet
248Kb / 6P
   7.0 Amps, 600 Volts N-CHANNEL MOSFET
FTK1N60 FS-FTK1N60 Datasheet
222Kb / 7P
   1.0 Amps, 600 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
15N60 UTC-15N60 Datasheet
165Kb / 6P
   15 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK2N60P FS-FTK2N60P Datasheet
301Kb / 7P
   2 Amps, 600 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com