Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1768S Datasheet(PDF) 5 Page - Rohm

Part # 2SD1768S
Description  Power Transistor (80V, 1A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SD1768S Datasheet(HTML) 5 Page - Rohm

  2SD1768S Datasheet HTML 1Page - Rohm 2SD1768S Datasheet HTML 2Page - Rohm 2SD1768S Datasheet HTML 3Page - Rohm 2SD1768S Datasheet HTML 4Page - Rohm 2SD1768S Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Appendix
Appendix1-Rev1.0
The products listed in this document are designed to be used with ordinary electronic equipment or devices
(such as audio visual equipment, office-automation equipment, communications devices, electrical
appliances and electronic toys).
Should you intend to use these products with equipment or devices which require an extremely high level of
reliability and the malfunction of with would directly endanger human life (such as medical instruments,
transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other
safety devices), please be sure to consult with our sales representative in advance.
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any
means without prior permission of ROHM CO.,LTD.
The contents described herein are subject to change without notice. The specifications for the
product described in this document are for reference only. Upon actual use, therefore, please request
that specifications to be separately delivered.
Application circuit diagrams and circuit constants contained herein are shown as examples of standard
use and operation. Please pay careful attention to the peripheral conditions when designing circuits
and deciding upon circuit constants in the set.
Any data, including, but not limited to application circuit diagrams information, described herein
are intended only as illustrations of such devices and not as the specifications for such devices. ROHM
CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any
third party's intellectual property rights or other proprietary rights, and further, assumes no liability of
whatsoever nature in the event of any such infringement, or arising from or connected with or related
to the use of such devices.
Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or
otherwise dispose of the same, no express or implied right or license to practice or commercially
exploit any intellectual property rights or other proprietary rights owned or controlled by
ROHM CO., LTD. is granted to any such buyer.
Products listed in this document use silicon as a basic material.
Products listed in this document are no antiradiation design.
About Export Control Order in Japan
Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control
Order in Japan.
In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause)
on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.


Similar Part No. - 2SD1768S

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1768S ROHM-2SD1768S Datasheet
89Kb / 4P
   Power Transistor (80V, 1A)
2SD1768S ROHM-2SD1768S Datasheet
120Kb / 4P
   Power Transistor (80V, 1A)
2SD1768S ROHM-2SD1768S Datasheet
177Kb / 4P
   Power Transistor (80V, 1A)
More results

Similar Description - 2SD1768S

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1898T100R ROHM-2SD1898T100R Datasheet
112Kb / 4P
   Power Transistor (80V, 1A)
logo
Nanjing International G...
2SB1260 DGNJDZ-2SB1260 Datasheet
612Kb / 4P
   Power Transistor(-80V,-1A)
logo
Galaxy Semi-Conductor H...
2SB1260 BILIN-2SB1260 Datasheet
188Kb / 4P
   Power Transistor(-80V,-1A)
logo
Rohm
2SB1260 ROHM-2SB1260_09 Datasheet
203Kb / 3P
   Power Transistor (-80V, -1A)
2SD1898 ROHM-2SD1898_11 Datasheet
120Kb / 4P
   Power Transistor (80V, 1A)
logo
Littelfuse
2SD1733TLQ LITTELFUSE-2SD1733TLQ Datasheet
112Kb / 4P
   Power Transistor (80V, 1A)
logo
Rohm
2SD1898 ROHM-2SD1898_09 Datasheet
177Kb / 4P
   Power Transistor (80V, 1A)
2SD1733TLR ROHM-2SD1733TLR Datasheet
112Kb / 4P
   Power Transistor (80V, 1A)
logo
Nanjing International G...
2SD1898 DGNJDZ-2SD1898 Datasheet
777Kb / 4P
   Power Transistor(80V,1A)
logo
Rohm
2SB1260 ROHM-2SB1260_11 Datasheet
146Kb / 3P
   Power Transistor (-80V, -1A)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com