Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5819 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 1N5819
Description  SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N5819 Datasheet(HTML) 3 Page - Unisonic Technologies

  1N5819 Datasheet HTML 1Page - Unisonic Technologies 1N5819 Datasheet HTML 2Page - Unisonic Technologies 1N5819 Datasheet HTML 3Page - Unisonic Technologies 1N5819 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1N5819
DIODE
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R601-008,A
TYPICAL CHARACTERISTICS
1
0
100
Number of Cycles @60Hz
30
10
20
10
Maximum Non-Repetitive Peak Forward Surge
Current
25
5
15
23
5
7
23
5
7
1
0.001
100
Percent Of Rated Peak Reverse Voltage (%)
100
0.1
1.0
60
Typical Reverse Characteristics
10
0.01
80
40
20
TJ = 25℃
TJ = 75℃
TJ = 125℃
50
5
20
2
0.5
0.2
0.05
0.02
0.005
0.002
0.1
10
100
400
100
Reverse Voltage (V)
1
10
Junction Capacitance
TJ = 25℃
f = 1.0MHz
Vstg = 50mVp-p
0
0.01
0.1
1.0
10
50
0.4
1.4
1.6
Instantaneous Fonward Voltage(V)
0.2
0.6
1.0
Instantaneous Forward Characteristics
0.8
1.2
TJ = 125℃
TJ = 25℃
Pulse Width = 300μs
1% Duty Cycle
3
25 7
30
20
5070
0.3
0.2
0.5 7
0
0
0.25
0.5
0.75
1.0
40
120
140
Case Temperature(℃)
20
60
100
Forward Current Derating Curve
Resistive or Inductive Load
80
0.01
0.1
100
Pulse Duration, t (sec.)
100
1
10
1
Transient Thermal Impedance
10
0.1


Similar Part No. - 1N5819

ManufacturerPart #DatasheetDescription
logo
Semikron International
1N5819 SEMIKRON-1N5819 Datasheet
127Kb / 2P
   Schottky barrier rectifiers diodes
logo
Jinan Jingheng (Group) ...
1N5819 JINANJINGHENG-1N5819 Datasheet
65Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
List of Unclassifed Man...
1N5819 ETC2-1N5819 Datasheet
329Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Motorola, Inc
1N5819 MOTOROLA-1N5819 Datasheet
96Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 1 AMPERE 20, 30 and 40 VOLTS
logo
SeCoS Halbleitertechnol...
1N5819 SECOS-1N5819 Datasheet
190Kb / 2P
   VOLTAGE 20V ~ 40V 1.0AMP Schottky Barrier Rectifiers
More results

Similar Description - 1N5819

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com