Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8137L-T92-D-B Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 8137L-T92-D-B
Description  POWER RESET IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8137L-T92-D-B Datasheet(HTML) 2 Page - Unisonic Technologies

  8137L-T92-D-B Datasheet HTML 1Page - Unisonic Technologies 8137L-T92-D-B Datasheet HTML 2Page - Unisonic Technologies 8137L-T92-D-B Datasheet HTML 3Page - Unisonic Technologies 8137L-T92-D-B Datasheet HTML 4Page - Unisonic Technologies 8137L-T92-D-B Datasheet HTML 5Page - Unisonic Technologies 8137L-T92-D-B Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
81XX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R119-001,J
MARKING INFORMATION
PACKAGE
MARKING
PACKAGE
MARKING
SOT-23
1
2
3
DATE
CODE
PIN CODE
VOLTAGE
CODE
SOT-89
123
81XX
DATE
CODE
VOLTAGE
CODE
SOT-25
5
4
3
DATE
CODE
PIN CODE
VOLTAGE
CODE
21
TO-92
12
3
UTC
81XX
PIN CODE
DATE
CODE
BLOCK DIAGRAM
OP1
VCC
OUT
GND
C01
+
-
The Pin2 this product is SUB, so connect the pin to Ground.


Similar Part No. - 8137L-T92-D-B

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
8137 BURKERT-8137 Datasheet
1Mb / 12P
   Radar level meter for higher pressure ranges
15.09.2021
logo
Festo Corporation.
8137093 FESTO-8137093 Datasheet
91Kb / 2P
   Limit switch box
7/20/22
8137094 FESTO-8137094 Datasheet
89Kb / 2P
   Limit switch box
7/20/22
8137095 FESTO-8137095 Datasheet
92Kb / 2P
   Limit switch box
7/20/22
8137096 FESTO-8137096 Datasheet
89Kb / 2P
   Limit switch box
7/20/22
More results

Similar Description - 8137L-T92-D-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
81XX UTC-81XX_15 Datasheet
241Kb / 7P
   POWER RESET IC
81XX UTC-81XX_10 Datasheet
198Kb / 6P
   POWER RESET IC
81XX UTC-81XX_12 Datasheet
237Kb / 6P
   POWER RESET IC
81XX UTC-81XX_15 Datasheet
241Kb / 7P
   POWER RESET IC
logo
Global Mixed-mode Techn...
G678 GMT-G678 Datasheet
76Kb / 1P
   Micro-Power Reset IC
logo
Shanghai Consonance Ele...
CN803 CONSONANCE-CN803 Datasheet
144Kb / 7P
   Ultra Low Power Microprocessor Reset IC
logo
ACE Technology Co., LTD...
ACE803N ACE-ACE803N Datasheet
651Kb / 8P
   Ultra Low Power Microprocessor Reset IC
VER 1.2
logo
KODENSHI_AUK CORP.
BMR-0301 KODENSHI-BMR-0301 Datasheet
312Kb / 2P
   System Reset IC
BMR-0201 KODENSHI-BMR-0201 Datasheet
314Kb / 2P
   System Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
   Microprocessor Reset IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com