Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSD1792A Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DSD1792A
Description  24-BIT, 192-KHZ SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DSD1792A Datasheet(HTML) 1 Page - Burr-Brown (TI)

  DSD1792A Datasheet HTML 1Page - Burr-Brown (TI) DSD1792A Datasheet HTML 2Page - Burr-Brown (TI) DSD1792A Datasheet HTML 3Page - Burr-Brown (TI) DSD1792A Datasheet HTML 4Page - Burr-Brown (TI) DSD1792A Datasheet HTML 5Page - Burr-Brown (TI) DSD1792A Datasheet HTML 6Page - Burr-Brown (TI) DSD1792A Datasheet HTML 7Page - Burr-Brown (TI) DSD1792A Datasheet HTML 8Page - Burr-Brown (TI) DSD1792A Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
DSD1792A
24BIT, 192kHz SAMPLING, ADVANCED SEGMENT,
AUDIO STEREO DIGITALTOANALOG CONVERTER
SLES106B − FEBRUARY 2004 − REVISED NOVEMBER 2006
FEATURES
D Supports Both DSD and PCM Formats
D 24-Bit Resolution
D Analog Performance:
− Dynamic Range:
− 132 dB (9 V rms, Mono)
− 129 dB (4.5 V rms, Stereo)
− 127 dB (2 V rms, Stereo)
− THD+N: 0.0004%
D Differential Current Output: 7.8 mA p-p
D 8× Oversampling Digital Filter:
− Stop-Band Attenuation: –130 dB
− Pass-Band Ripple:
±0.00001 dB
D Sampling Frequency: 10 kHz to 200 kHz
D System Clock: 128, 192, 256, 384, 512, or
768 fS With Autodetect
D Accepts 16-, 20-, and 24-Bit Audio Data
D PCM Data Formats: Standard, I2S, and
Left-Justified
D Optional Interface to External Digital Filter or
DSP Available
D TDMCA Interface Available
D User-Programmable Mode Controls:
− Digital Attenuation: 0 dB to –120 dB,
0.5 dB/Step
− Digital De-Emphasis
− Digital Filter Rolloff: Sharp or Slow
− Soft Mute
D Dual Supply Operation:
− 5-V Analog, 3.3-V Digital
D 5-V Tolerant Digital Inputs
D Small 28-Lead SSOP Package
APPLICATIONS
D A/V Receivers
D SACD Player
D DVD Players
D HDTV Receivers
D Car Audio Systems
D Digital Multi-Track Recorders
D Other Applications Requiring 24-Bit Audio
DESCRIPTION
The DSD1792A is a monolithic CMOS integrated circuit
that includes stereo digital-to-analog converters and
support circuitry in a small 28-lead SSOP package. The
data
converters
use TI’s
advanced-segment
DAC
architecture to achieve excellent dynamic performance
and improved tolerance to clock jitter. The DSD1792A
provides balanced current outputs, allowing the user to
optimize analog performance externally. The DSD1792A
accepts the PCM and DSD audio data formats, providing
easy interfacing to audio DSP and decoder chips. The
DSD1792A also interfaces with external digital filter
devices (DF1704, DF1706, PMD200). Sampling rates up
to 200 kHz are supported. A full set of user-programmable
functions is accessible through a 4-wire serial control port,
which supports register write and readback functions. The
DSD1792A also supports the time-division-multiplexed
command and audio (TDMCA) data format.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause the device not to meet its published specifications.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
BurrBrown Products
from Texas Instruments
Copyright
 2006, Texas Instruments Incorporated


Similar Part No. - DSD1792A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DSD1792A TI1-DSD1792A Datasheet
640Kb / 57P
[Old version datasheet]   24-BIT, 192-KHZ SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
DSD1792ADB TI1-DSD1792ADB Datasheet
640Kb / 57P
[Old version datasheet]   24-BIT, 192-KHZ SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
DSD1792ADBG4 TI1-DSD1792ADBG4 Datasheet
640Kb / 57P
[Old version datasheet]   24-BIT, 192-KHZ SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
DSD1792ADBR TI1-DSD1792ADBR Datasheet
640Kb / 57P
[Old version datasheet]   24-BIT, 192-KHZ SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
DSD1792ADBRG4 TI1-DSD1792ADBRG4 Datasheet
640Kb / 57P
[Old version datasheet]   24-BIT, 192-KHZ SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DSD1792A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1796 BURR-BROWN-PCM1796_06 Datasheet
706Kb / 60P
   24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DSD1791 TI-DSD1791 Datasheet
446Kb / 53P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PCM1730 TI-PCM1730 Datasheet
366Kb / 24P
[Old version datasheet]   24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1794A BURR-BROWN-PCM1794A Datasheet
294Kb / 30P
   24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
logo
Texas Instruments
DSD1794A TI-DSD1794A Datasheet
535Kb / 49P
[Old version datasheet]   24-BIT,192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
DSD1791 TI1-DSD1791_08 Datasheet
654Kb / 56P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PCM1791A TI-PCM1791A Datasheet
490Kb / 58P
[Old version datasheet]   24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DSD1792 BURR-BROWN-DSD1792 Datasheet
478Kb / 10P
   24 bit 192 khz SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DSD1793 TI1-DSD1793_08 Datasheet
604Kb / 50P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1792A BURR-BROWN-PCM1792A Datasheet
487Kb / 59P
   24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com