Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3443E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3443E
Description  ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485 Transceiver with 짹15kV ESD Protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3443E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3443E Datasheet HTML 1Page - Maxim Integrated Products MAX3443E Datasheet HTML 2Page - Maxim Integrated Products MAX3443E Datasheet HTML 3Page - Maxim Integrated Products MAX3443E Datasheet HTML 4Page - Maxim Integrated Products MAX3443E Datasheet HTML 5Page - Maxim Integrated Products MAX3443E Datasheet HTML 6Page - Maxim Integrated Products MAX3443E Datasheet HTML 7Page - Maxim Integrated Products MAX3443E Datasheet HTML 8Page - Maxim Integrated Products MAX3443E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
±60V Fault-Protected, 10Mbps, Fail-Safe
RS-485 Transceiver with ±15kV ESD Protection
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
All Voltages Referenced with Respect to GND
VCC ........................................................................................+7V
RE, DE, DI...................................................-0.3V to (VCC + 0.3V)
A, B (Note 1) ........................................................................±60V
RO ..............................................................-0.3V to (VCC + 0.3V)
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.9mW/°C above +70°C)..................471mW
8-Pin PDIP (derate 9.09mW/°C above +70°C).............727mW
Operating Temperature Ranges
MAX3443EC_ _ ..................................................0°C to +70°C
MAX3443EE_ _ ...............................................-40°C to +85°C
MAX3443EA_ _ .............................................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Short-Circuit Duration (RO, A, B) ...............................Continuous
Lead Temperature (soldering, 10s) .................................+300°C
DC ELECTRICAL CHARACTERISTICS
(VCC = +4.75V to +5.25V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DRIVER
Figure 1, RL = 50
2.0
VCC
Differential Driver Output
VOD
Figure 1, RL = 27
1.5
VCC
V
Change in Magnitude of
Differential Output Voltage
∆VOD
Figure 1, RL = 50
Ω or 27Ω (Note 2)
0.2
V
Driver Common-Mode Output
Voltage
VOC
Figure 1, RL = 50
Ω or 27Ω
VCC / 2
3
V
Change In Magnitude of
Common-Mode Voltage
∆VOC
Figure 1, RL = 50
Ω or 27Ω (Note 2)
0.2
V
DRIVER LOGIC
Driver Input High Voltage
VDIH
2.0
V
Driver Input Low Voltage
VDIL
0.8
V
Driver Input Current
IDIN
±2µA
Driver Output Fault Current
IOFC
VA, B =
±60V, RL = 54Ω±6mA
Driver Short-Circuit Output
Current
IOSD
-7V
≤ VOUT ≤ +12V
(Note 3)
±350
mA
Driver Short-Circuit Foldback
Output Current
IOSDF
-7V
≤ VOUT ≤ +12V
(Note 3)
±25
mA
RECEIVER
DE = GND, VCC = GND,
VA, B = +12V
250
VA, B = -7V
-150
µA
Input Current
IA,B
A, B
VA, B =
±60V
±6
mA
Receiver Differential Threshold
Voltage
VTH
-7V
≤ VCM ≤ +12V
-200
-50
mV
Receiver Input Hysteresis
∆VTH
25
mV
Note 1: A, B must be terminated with 54
Ω or 100Ω to guarantee ±60V fault protection.


Similar Part No. - MAX3443E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3443E MAXIM-MAX3443E Datasheet
368Kb / 20P
   짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 0; 10/02
MAX3443E MAXIM-MAX3443E Datasheet
314Kb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX3443EAPA MAXIM-MAX3443EAPA Datasheet
368Kb / 20P
   짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 0; 10/02
MAX3443EASA MAXIM-MAX3443EASA Datasheet
368Kb / 20P
   짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 0; 10/02
MAX3443ECPA MAXIM-MAX3443ECPA Datasheet
368Kb / 20P
   짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 0; 10/02
More results

Similar Description - MAX3443E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3440E MAXIM-MAX3440E Datasheet
368Kb / 20P
   짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 0; 10/02
MAX3440E MAXIM-MAX3440E_15 Datasheet
1Mb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 4/14
MAX3440E MAXIM-MAX3440E_10 Datasheet
314Kb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX3440EESA MAXIM-MAX3440EESA Datasheet
314Kb / 19P
   15,-15kV ESD-Protected, 60,-60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
logo
Shenzhen Huazhimei Semi...
HM3085 HMSEMI-HM3085 Datasheet
715Kb / 12P
   짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
logo
Maxim Integrated Produc...
MAX13442E MAXIM-MAX13442E Datasheet
250Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 1; 3/06
MAX13442E MAXIM-MAX13442E_11 Datasheet
298Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 3/11
MAX3070E MAXIM-MAX3070E_V01 Datasheet
2Mb / 23P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com