Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24064 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24064
Description  1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24064 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ24064 Datasheet HTML 3Page - Texas Instruments BQ24064 Datasheet HTML 4Page - Texas Instruments BQ24064 Datasheet HTML 5Page - Texas Instruments BQ24064 Datasheet HTML 6Page - Texas Instruments BQ24064 Datasheet HTML 7Page - Texas Instruments BQ24064 Datasheet HTML 8Page - Texas Instruments BQ24064 Datasheet HTML 9Page - Texas Instruments BQ24064 Datasheet HTML 10Page - Texas Instruments BQ24064 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
www.ti.com
TYPICAL OPERATING CHARACTERISTICS
0
1
2
3
4
5
6
7
0
0.50
1
1.50
2
2.50
3
t-Time-s
0
0.25
0.50
0.75
1
1.25
1.50
1.75
V
ISET
I
BAT
V
IN
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
0.50
1
1.50
2
2.50
3
t-Time-s
0
2
4
6
8
10
12
Safety Timer
IBAT
0
1
2
3
4
5
6
7
8
0
5
10
15
20
25
30
35
40
45
50
t-Time-mS
0
0.20
0.40
0.60
0.80
1
1.20
1.40
1.60
1.80
2
V
IN
V
PG
I
BAT
3
3.25
3.50
3.75
4
4.25
4.50
4.75
5
0
0.5
1
1.5
2
2.5
t-Time-mS
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
V
BAT
I
BAT
0
1
2
3
4
5
6
7
8
9
0
1
2
3
4
5
t-Time-mS
V
PG
V
IN
bq2406x
SLUS689A – JUNE 2006 – REVISED OCTOBER 2006
Measured using the typical application circuit shown previously.
THERMAL LOOP OPERATION
WITH POWERPAD ATTACHED
THERMAL LOOP AND DTC OPERATION
Figure 1.
Figure 2.
PACK REMOVAL TRANSIENT
INPUT OVP RECOVERY TRANSIENTS
Figure 3.
Figure 4.
PG DEGLITCH TIME
Figure 5.
7
Submit Documentation Feedback


Similar Part No. - BQ24064

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2406X TI-BQ2406X Datasheet
1Mb / 31P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
More results

Similar Description - BQ24064

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2406X TI-BQ2406X Datasheet
1Mb / 31P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24085 TI-BQ24085 Datasheet
1Mb / 34P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24085 TI1-BQ24085_17 Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
logo
Lowpower Semiconductor ...
LP28011 POWER-LP28011 Datasheet
438Kb / 10P
   1A Single-chip Li-ion and Li-POL Charge with OVP
logo
Texas Instruments
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
BQ24100 TI-BQ24100 Datasheet
624Kb / 26P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com