Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT131 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # BT131
Description  TRIACS LOGIC LEVEL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BT131 Datasheet(HTML) 4 Page - Unisonic Technologies

  BT131 Datasheet HTML 1Page - Unisonic Technologies BT131 Datasheet HTML 2Page - Unisonic Technologies BT131 Datasheet HTML 3Page - Unisonic Technologies BT131 Datasheet HTML 4Page - Unisonic Technologies BT131 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UTC BT131
TRIAC
UTC UNISONIC TECHNOLOGIES CO., LTD. 4
QW-R401-001,A
1ms
0.1ms
10us
1
tp/s
Figure 11.Transient Thermal Impedance
Zth j-lead,vs Pulse W idth tp
0.01
0.1
10ms
0.1s
1.5
2
01
0.5
2
VT/V
1.5
1
0.5
0
Figure 10.Typical and Maximum
On-state Characteristic
IT/A
Tj=125
Zth j-sp(K/W )
100
150
-50
50
0
3
1
Tj/
2
2.5
1.5
.5
0
Figure 7.Normalised Gate Trigger current
IGT(Tj)/IGT(25),vs Junction Temperature Tj
IGT(25℃)
IGT(Tj)
T2+G+
T2+G-
T2-G-
T2-G+
Tj=25
Vo=1.0V
Rs=0.21Ohms
typ
max
100
150
-50
50
0
3
1
Tj/
2
2.5
1.5
.5
0
Figure 8.Normalised Latching Current
IL(Tj)/IL(25),vs Junction Temperature Tj
IL(25℃)
IL(Tj)
100
150
-50
50
0
3
1
Tj/
2
2.5
1.5
.5
0
Figure 9.Normalised Holding Current
IH(Tj)/IH(25),vs Junction Temperature Tj
IH(25℃)
IH(Tj)
1s
10s
10
100
unidirectional
bidirectional
tp
t
PD
100
150
50
0
1000
10
Tj/
100
1
Figure 12.Typical Critical Rate of Rise of off-state Voltage,
dVD/dt vs Junction Temperature Tj
dVD/dt(V/us)


Similar Part No. - BT131

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT131 PHILIPS-BT131 Datasheet
49Kb / 6P
   Triacs logic level
April 1998 Rev 1.000
logo
Apollo Electron Co., Lt...
BT131 APOLLOELECTRON-BT131 Datasheet
1Mb / 6P
   Sensitive Triac
logo
Shenzhen Luguang Electr...
BT131 LUGUANG-BT131 Datasheet
133Kb / 5P
   QUICK REFERENCE DATA
logo
JILIN SINO-MICROELECTRO...
BT131 JSMC-BT131 Datasheet
313Kb / 6P
   AC switching
logo
Inchange Semiconductor ...
BT131 ISC-BT131 Datasheet
121Kb / 1P
   isc Triacs
More results

Similar Description - BT131

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT131 UTC-UT131 Datasheet
189Kb / 5P
   TRIACS LOGIC LEVEL
logo
NXP Semiconductors
BT131 PHILIPS-BT131 Datasheet
49Kb / 6P
   Triacs logic level
April 1998 Rev 1.000
BT131W PHILIPS-BT131W Datasheet
53Kb / 7P
   Triacs logic level
July 1998 Rev 1.000
BT137D PHILIPS-BT137D Datasheet
49Kb / 6P
   Triacs logic level
September 1997 Rev 1.200
logo
Unisonic Technologies
UT131 UTC-UT131_12 Datasheet
297Kb / 5P
   TRIACS LOGIC LEVEL
logo
NXP Semiconductors
BT134-600D127 NXP-BT134-600D127 Datasheet
107Kb / 8P
   Triacs logic level
October 1997
logo
Suntac Electronic Corp.
BT134 SUNTAC-BT134 Datasheet
130Kb / 4P
   Triacs logic level
logo
Tiger Electronic Co.,Lt...
BT137S-600 TGS-BT137S-600 Datasheet
321Kb / 1P
   Triacs logic level
logo
NXP Semiconductors
BT137S-600D PHILIPS-BT137S-600D Datasheet
42Kb / 6P
   Triacs logic level
June 2001-Rev 1.400
BT134W PHILIPS-BT134W Datasheet
56Kb / 7P
   Triacs logic level
September 1997 Rev 1.200
BT136B PHILIPS-BT136B Datasheet
49Kb / 6P
   Triacs logic level
October 1997 Rev 1.100
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com