Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLB122 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # HLB122
Description  NPN TRIPLE DIFFUSED PLANAR TYPE HIGH VOLTAGE TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

HLB122 Datasheet(HTML) 2 Page - Unisonic Technologies

  HLB122 Datasheet HTML 1Page - Unisonic Technologies HLB122 Datasheet HTML 2Page - Unisonic Technologies HLB122 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTCHLB122
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
www.unisonic.com.tw
QW-R213-014,A
CLASSIFICATION OF HFE1
RANK
B1
B2
B3
B4
B5
B6
Range
10 ~ 17
13 ~ 22
18 ~ 27
23 ~ 32
28 ~ 37
33 ~ 40
CHARACTERISTICS CURVE
1
1
Collector Current, I C (mA)
10
Current Gain & Collector Current
10
1000
100
100
hFE @ VCE = 10V
1
1
Collector Current, I C (mA)
10
100
Saturation Voltage & Collector Current
100
1000
10000
VCE(sat) @ IC = 5IB
1000
10
125℃
25℃
75℃
75℃
25℃
125℃
1
100
10
ON Voltage & Collector Current
1000
100
1000
VBE(on) @ VCE = 10V
Collector Current(mA)
1
100
Collector Current, IC (mA)
100
1000
1000
10000
Saturation Voltage & Collector Current
10
VBE(sat) @ IC = 5IB
25℃
75℃
125℃
1
10
100
Capacitance & Reverse-Biased Voltage
0.1
Reverse-Biased Voltage (V)
10
100
1
1
1
Forward Biased Voltage (V)
Safe Operating Area
1000
10
10000
100
1000
100
10
PT=1ms
PT=100ms
PT=1s


Similar Part No. - HLB122

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HLB122D HSMC-HLB122D Datasheet
40Kb / 4P
   NPN Triple Diffused Planar Type High Voltage Transistor
HLB122I HSMC-HLB122I Datasheet
34Kb / 4P
    NPN Triple Diffused Planar Type High Voltage Transistors
HLB122J HSMC-HLB122J Datasheet
34Kb / 4P
   NPN Triple Diffused Planar Type High Voltage Transistor
HLB122T HSMC-HLB122T Datasheet
34Kb / 3P
   NPN Triple Diffused Planar Type High Voltage Transistor
More results

Similar Description - HLB122

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HLB122J HSMC-HLB122J Datasheet
34Kb / 4P
   NPN Triple Diffused Planar Type High Voltage Transistor
logo
Unisonic Technologies
ULB121 UTC-ULB121_15 Datasheet
185Kb / 4P
   NPN TRIPLE DIFFUSED PLANAR TYPE HIGH VOLTAGE TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HLB121I HSMC-HLB121I Datasheet
44Kb / 4P
   NPN TRIPLE DIFFUSED PLANAR TYPE HIGH VOLTAGE TRANSISTOR
HLB121D HSMC-HLB121D Datasheet
41Kb / 4P
   NPN Triple Diffused Planar Type High Voltage Transistor
HLB122T HSMC-HLB122T Datasheet
34Kb / 3P
   NPN Triple Diffused Planar Type High Voltage Transistor
logo
Unisonic Technologies
ULB121 UTC-ULB121 Datasheet
185Kb / 4P
   NPN TRIPLE DIFFUSED PLANAR TYPE HIGH VOLTAGE TRANSISTOR
ULB122 UTC-ULB122 Datasheet
182Kb / 4P
   NPN TRIPLE DIFFUSED PLANAR TYPE HIGH VOLTAGE TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HLB122D HSMC-HLB122D Datasheet
40Kb / 4P
   NPN Triple Diffused Planar Type High Voltage Transistor
HLB121A HSMC-HLB121A Datasheet
49Kb / 4P
   NPN Triple Diffused Planar Type High Voltage Transistor
logo
Unisonic Technologies
HLB121 UTC-HLB121 Datasheet
129Kb / 2P
   NPN TRIPLE DIFFUSED PLANAR TYPE HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com