Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL1648 Datasheet(PDF) 11 Page - ON Semiconductor

Part # MC100EL1648
Description  5 VECL Voltage Controlled Oscillator Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL1648 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC100EL1648_06 Datasheet HTML 7Page - ON Semiconductor MC100EL1648_06 Datasheet HTML 8Page - ON Semiconductor MC100EL1648_06 Datasheet HTML 9Page - ON Semiconductor MC100EL1648_06 Datasheet HTML 10Page - ON Semiconductor MC100EL1648_06 Datasheet HTML 11Page - ON Semiconductor MC100EL1648_06 Datasheet HTML 12Page - ON Semiconductor MC100EL1648_06 Datasheet HTML 13Page - ON Semiconductor MC100EL1648_06 Datasheet HTML 14Page - ON Semiconductor MC100EL1648_06 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MC100EL1648
http://onsemi.com
11
SPECTRAL PURITY
B.W. = 10 kHz, Center Frequency = 100 MHz
Scan Width = 50 kHz/div, Vertical Scale = 10 dB/div
99.8
99.9
100.0
100.1
100.2
Figure 15. Spectral Purity
Figure 16. Spectral Purity of Signal Output for 200 MHz Testing
0.1 mF
1200*
C
L
8 (10)
1 (12)
5 (5)
4 (3)
SIGNAL
UNDER
TEST
10 mF
0.1 mF
3(1)
2 (14)
6 (7) 7 (8)
Spectral Purity Test Circuit
Tank #3
L = Micro Metal torroid #T20−22, 8 turns #30
Enameled Copper wire (@ 40 nH)
C = 3.0−35 pF Variable Capacitance (@ 10 pF)
** The 1200 W resistor and the scope termination
impedance constitute a 25:1 attenuator probe.
Coax shall be CT−070−50 or equivalent.
8 pin (14 pin) Lead Package
VEE
0.1 mF 0.1 mF
0.01 mF
100 mF
Figure 17. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V


Similar Part No. - MC100EL1648_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL1648 ONSEMI-MC100EL1648_07 Datasheet
203Kb / 16P
   5 V ECL Voltage Controlled Oscillator Amplifier
April, 2007 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com