Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL1648DT Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100EL1648DT
Description  5 VECL Voltage Controlled Oscillator Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL1648DT Datasheet(HTML) 2 Page - ON Semiconductor

  MC100EL1648DT Datasheet HTML 1Page - ON Semiconductor MC100EL1648DT Datasheet HTML 2Page - ON Semiconductor MC100EL1648DT Datasheet HTML 3Page - ON Semiconductor MC100EL1648DT Datasheet HTML 4Page - ON Semiconductor MC100EL1648DT Datasheet HTML 5Page - ON Semiconductor MC100EL1648DT Datasheet HTML 6Page - ON Semiconductor MC100EL1648DT Datasheet HTML 7Page - ON Semiconductor MC100EL1648DT Datasheet HTML 8Page - ON Semiconductor MC100EL1648DT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MC100EL1648
http://onsemi.com
2
13
14
12
11
10
9
8
2
1
3456
7
VCC NC TANK NC BIAS NC VEE
VCC NC OUT NC AGC NC VEE
BIAS
TANK
VEE
VCC VCC
AGC
OUT
Figure 2. Pinout Assignments
VEE
8 Lead
14 Lead
Warning: All VCC and VEE pins must be externally connected
to Power Supply to guarantee proper operation.
12
3
7
4
5
6
8
Table 1. PIN DESCRIPTION
Pin No.
Symbol
Description
8 Lead
14 Lead
1
12
TANK
OSC Input Voltage
2, 3
1, 14
VCC
Positive Supply
4
3
OUT
ECL Output
5
5
AGC
Automatic Gain Control Input
6, 7
7, 8
VEE
Negative Output
8
10
BIAS
OSC Input Reference Voltage
2, 4, 7, 9, 11, 13
NC
No Connect
EP
Exposed pad must be connected to a sufficient thermal conduit. Electrically
connect to the most negative supply or leave floating open.
Table 2. ATTRIBUTES
Characteristic
Value
Internal Input Pulldown Resistor
N/A
Internal Input Pullup Resistor
N/A
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 1 kV
> 100 V
> 1 kV
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Pb Pkg
Pb−Free Pkg
SOIC−8
TSSOP−8
SOEIAJ−14
DFN8
Level 1
Level 1
Level 3
Level 1
Level 1
Level 3
Level 3
Level 1
Flammability Rating
Oxygen Index: 23 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
11
Meets or Exceeds JEDEC Standard EIA/JESD78 IC Latchup Test
1. For additional Moisture Sensitivity information, refer to Application Note AND8003/D.


Similar Part No. - MC100EL1648DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL1648DT ONSEMI-MC100EL1648DT Datasheet
165Kb / 14P
   5 V ECL Voltage Controlled Oscillator Amplifier
May, 2004 ??Rev. 4
MC100EL1648DT ONSEMI-MC100EL1648DT Datasheet
203Kb / 16P
   5 V ECL Voltage Controlled Oscillator Amplifier
April, 2007 ??Rev. 7
MC100EL1648DTG ONSEMI-MC100EL1648DTG Datasheet
203Kb / 16P
   5 V ECL Voltage Controlled Oscillator Amplifier
April, 2007 ??Rev. 7
MC100EL1648DTR ONSEMI-MC100EL1648DTR Datasheet
165Kb / 14P
   5 V ECL Voltage Controlled Oscillator Amplifier
May, 2004 ??Rev. 4
MC100EL1648DTR2 ONSEMI-MC100EL1648DTR2 Datasheet
203Kb / 16P
   5 V ECL Voltage Controlled Oscillator Amplifier
April, 2007 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com