Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EP14DTG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100EP14DTG
Description  3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP14DTG Datasheet(HTML) 2 Page - ON Semiconductor

  MC100EP14DTG Datasheet HTML 1Page - ON Semiconductor MC100EP14DTG Datasheet HTML 2Page - ON Semiconductor MC100EP14DTG Datasheet HTML 3Page - ON Semiconductor MC100EP14DTG Datasheet HTML 4Page - ON Semiconductor MC100EP14DTG Datasheet HTML 5Page - ON Semiconductor MC100EP14DTG Datasheet HTML 6Page - ON Semiconductor MC100EP14DTG Datasheet HTML 7Page - ON Semiconductor MC100EP14DTG Datasheet HTML 8Page - ON Semiconductor MC100EP14DTG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MC100EP14
http://onsemi.com
2
Figure 1. TSSOP−20 (Top View) and Logic Diagram
WARNING: All VCC and VEE pins must be externally connected
to Power Supply to guarantee proper operation.
Q2
Q1
Q3
Q1
17
18
16
15
14
13
12
4
3
56
7
8
9
11
10
CLK1
CLK0
CLK0
Q0
19
20
2
1
EN
Q2
Q0
Q3
Q4
Q4
CLK1
10
D
Q
VCC
VCC
VBB
VEE
CLK_SEL
Table 1. PIN DESCRIPTION
Pin
Function
CLK0*, CLK0**
ECL/PECL/HSTL CLK Input
CLK1*, CLK1**
ECL/PECL/HSTL CLK Input
Q0:4, Q0:4
ECL/PECL Outputs
CLK_SEL*
ECL/PECL Active Clock Select Input
EN*
ECL Sync Enable
VBB
Reference Voltage Output
VCC
Positive Supply
VEE
Negative Supply
* Pins will default low when left open.
** Pins will default to VCC/2 when left open.
Table 2. FUNCTION TABLE
CLK0
CLK1
CLK_SEL
EN
Q
L
H
X
X
X
X
X
L
H
X
L
L
H
H
X
L
L
L
L
H
L
H
L
H
L*
* On next negative transition of CLK0 or CLK1


Similar Part No. - MC100EP14DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP14DTG ONSEMI-MC100EP14DTG Datasheet
91Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 7
More results

Similar Description - MC100EP14DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP14 ONSEMI-MC100EP14 Datasheet
66Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
June, 2004 ??Rev. 3
MC100EP14 ONSEMI-MC100EP14_14 Datasheet
91Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 7
MC100LVEP14 ONSEMI-MC100LVEP14_06 Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
MC100LVEP14 ONSEMI-MC100LVEP14_14 Datasheet
96Kb / 7P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 14
MC100LVEP210 ONSEMI-MC100LVEP210_06 Datasheet
159Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
June, 2006 ??Rev. 12
MC100LVEP210 ONSEMI-MC100LVEP210_14 Datasheet
109Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
May, 2014 ??Rev. 15
NB100LVEP221 ONSEMI-NB100LVEP221 Datasheet
94Kb / 10P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
January, 2003 - Rev. 4
NB100LVEP221 ONSEMI-NB100LVEP221_06 Datasheet
165Kb / 11P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
November, 2006 ??Rev. 7
MC100LVEP111 ONSEMI-MC100LVEP111_06 Datasheet
155Kb / 10P
   2.5V / 3.3V 1:10 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 13
NB100LVEP221 ONSEMI-NB100LVEP221_15 Datasheet
134Kb / 12P
   Differential HSTL/ECL/PECL Clock Driver
April, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com