Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL1648M Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC100EL1648M
Description  5 VECL Voltage Controlled Oscillator Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL1648M Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC100EL1648M Datasheet HTML 3Page - ON Semiconductor MC100EL1648M Datasheet HTML 4Page - ON Semiconductor MC100EL1648M Datasheet HTML 5Page - ON Semiconductor MC100EL1648M Datasheet HTML 6Page - ON Semiconductor MC100EL1648M Datasheet HTML 7Page - ON Semiconductor MC100EL1648M Datasheet HTML 8Page - ON Semiconductor MC100EL1648M Datasheet HTML 9Page - ON Semiconductor MC100EL1648M Datasheet HTML 10Page - ON Semiconductor MC100EL1648M Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MC100EL1648
http://onsemi.com
7
Figure 6. Low Frequency Plot
Figure 7. High Frequency Plot
0.1mF
1200*
C
L
8 (10)
1 (12)
4 (3)
SIGNAL
UNDER
TEST
10mF
0.1mF
3(1)
2 (14)
Tank #3
L = Micro Metal torroid #T20−22, 8 turns #30
Enameled Copper wire (@ 40 nH)
C = 3.0−35 pF Variable Capacitance (@ 10 pF)
* The 1200 W resistor and the scope termination
impedance constitute a 25:1 attenuator probe.
Coax shall be CT−070−50 or equivalent.
0.1mF
1200*
C
L
8 (10)
1 (12)
4 (3)
SIGNAL
UNDER
TEST
10mF
0.1mF
3(1)
2 (14)
Tank #3
L = Micro Metal torroid #T20−22, 8 turns #30
Enameled Copper wire (@ 40 nH)
C = 3.0−35 pF Variable Capacitance (@ 10 pF)
* The 1200 W resistor and the scope termination
impedance constitute a 25:1 attenuator probe.
Coax shall be CT−070−50 or equivalent.
CAPACITANCE (pF)
25
20
15
10
5
0
0
300
500
1000
2000
10000
Measured Frequency (MHz)
Calculated Frequency (MHz)
CAPACITANCE (pF)
100
80
60
40
20
0
0
0.2
0.3
300
30
Measured Frequency (MHz)
Calculated Frequency (MHz)
8 pin (14 pin) Lead Package
8 pin (14 pin) Lead Package
5 (5)
6 (7) 7 (8)
VEE
0.1 mF 0.1 mF
0.01 mF
100 mF
5 (5)
6 (7) 7 (8)
VEE
0.1 mF 0.1 mF
0.01 mF
100 mF


Similar Part No. - MC100EL1648M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL1648M ONSEMI-MC100EL1648M Datasheet
165Kb / 14P
   5 V ECL Voltage Controlled Oscillator Amplifier
May, 2004 ??Rev. 4
MC100EL1648M ONSEMI-MC100EL1648M Datasheet
203Kb / 16P
   5 V ECL Voltage Controlled Oscillator Amplifier
April, 2007 ??Rev. 7
MC100EL1648MEL ONSEMI-MC100EL1648MEL Datasheet
165Kb / 14P
   5 V ECL Voltage Controlled Oscillator Amplifier
May, 2004 ??Rev. 4
MC100EL1648MEL ONSEMI-MC100EL1648MEL Datasheet
203Kb / 16P
   5 V ECL Voltage Controlled Oscillator Amplifier
April, 2007 ??Rev. 7
MC100EL1648MELG ONSEMI-MC100EL1648MELG Datasheet
203Kb / 16P
   5 V ECL Voltage Controlled Oscillator Amplifier
April, 2007 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com