Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14013BDR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC14013BDR2G
Description  Dual Type D Flip?묯lop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14013BDR2G Datasheet(HTML) 4 Page - ON Semiconductor

  MC14013BDR2G Datasheet HTML 1Page - ON Semiconductor MC14013BDR2G Datasheet HTML 2Page - ON Semiconductor MC14013BDR2G Datasheet HTML 3Page - ON Semiconductor MC14013BDR2G Datasheet HTML 4Page - ON Semiconductor MC14013BDR2G Datasheet HTML 5Page - ON Semiconductor MC14013BDR2G Datasheet HTML 6Page - ON Semiconductor MC14013BDR2G Datasheet HTML 7Page - ON Semiconductor MC14013BDR2G Datasheet HTML 8Page - ON Semiconductor MC14013BDR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC14013B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (5) (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Min
Typ (6)
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
Clock to Q, Q
tPLH, tPHL = (1.7 ns/pF) CL + 90 ns
tPLH, tPHL = (0.66 ns/pF) CL + 42 ns
tPLH, tPHL = (0.5 ns/pF) CL + 25 ns
tPLH
tPHL
5.0
10
15
175
75
50
350
150
100
ns
Set to Q, Q
tPLH, tPHL = (1.7 ns/pF) CL + 90 ns
tPLH, tPHL = (0.66 ns/pF) CL + 42 ns
tPLH, tPHL = (0.5 ns/pF) CL + 25 ns
5.0
10
15
175
75
50
350
150
100
Reset to Q, Q
tPLH, tPHL = (1.7 ns/pF) CL + 265 ns
tPLH, tPHL = (0.66 ns/pF) CL + 67 ns
tPLH, tPHL = (0.5 ns/pF) CL + 50 ns
5.0
10
15
225
100
75
450
200
150
Setup Times (7)
tsu
5.0
10
15
40
20
15
20
10
7.5
ns
Hold Times (7)
th
5.0
10
15
40
20
15
20
10
7.5
ns
Clock Pulse Width
tWL, tWH
5.0
10
15
250
100
70
125
50
35
ns
Clock Pulse Frequency
fcl
5.0
10
15
4.0
10
14
2.0
5.0
7.0
MHz
Clock Pulse Rise and Fall Time
tTLH
tTHL
5.0
10
15
15
5.0
4.0
ms
Set and Reset Pulse Width
tWL, tWH
5.0
10
15
250
100
70
125
50
35
ns
Removal Times
Set
trem
5
10
15
80
45
35
0
5
5
ns
Reset
5
10
15
50
30
25
– 35
– 10
– 5
5. The formulas given are for the typical characteristics only at 25_C.
6. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
7. Data must be valid for 250 ns with a 5 V supply, 100 ns with 10 V, and 70 ns with 15 V.
LOGIC DIAGRAM (1/2 of Device Shown)
R
C
D
S
C
C
CC
C
C
C
C
C
C
Q
Q


Similar Part No. - MC14013BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14013BDR2G ONSEMI-MC14013BDR2G Datasheet
157Kb / 9P
   Dual Type D Flip-Flop
September, 2012 ??Rev. 9
MC14013BDR2G ONSEMI-MC14013BDR2G Datasheet
129Kb / 8P
   Dual Type D Flip-Flop
July, 2014 ??Rev. 10
More results

Similar Description - MC14013BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14175B ONSEMI-MC14175B_06 Datasheet
123Kb / 6P
   Quad Type D Flip?묯lop
June, 2006 ??Rev. 6
MC10H131 ONSEMI-MC10H131_06 Datasheet
153Kb / 7P
   Dual D Type Master?뭆lave Flip?묯lop
February, 2006 ??Rev. 7
MC14174B ONSEMI-MC14174B_06 Datasheet
108Kb / 5P
   Hex Type D Flip?묯lop
June, 2006 ??Rev. 6
MC74AC273 ONSEMI-MC74AC273_05 Datasheet
111Kb / 8P
   Octal D Flip?묯lop
December, 2005 ??Rev. 6
MC14027B ONSEMI-MC14027B_05 Datasheet
103Kb / 8P
   Dual J?묷 Flip?묯lop
August, 2005 ??Rev. 6
MC74AC74 ONSEMI-MC74AC74 Datasheet
157Kb / 12P
   Dual D?뭈ype Positive Edge?뭈riggered Flip?묯lop
October, 2006 ??Rev. 7
MC10H176 ONSEMI-MC10H176_06 Datasheet
153Kb / 7P
   Hex D Master?뭆lave Flip?묯lop
February, 2006 ??Rev. 7
MC74LVX74 ONSEMI-MC74LVX74 Datasheet
112Kb / 7P
   Dual D?뭈ype Flip?묯lop with Set and Clear
June, 2006 ??Rev. 3
MC74VHC74 ONSEMI-MC74VHC74 Datasheet
159Kb / 6P
   Dual D?뭈ype Flip?묯lop with Set and Reset
March, 2006 ??Rev. 5
MC74VHCT74A ONSEMI-MC74VHCT74A_06 Datasheet
86Kb / 6P
   Dual D?뭈ype Flip?묯lop with Set and Reset
July, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com