Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA42-T92-K Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MPSA42-T92-K
Description  HIGH VOLTAGE TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MPSA42-T92-K Datasheet(HTML) 2 Page - Unisonic Technologies

  MPSA42-T92-K Datasheet HTML 1Page - Unisonic Technologies MPSA42-T92-K Datasheet HTML 2Page - Unisonic Technologies MPSA42-T92-K Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MPSA42/43
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R208-034,B
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
MPSA42
300
V
Collector-Base Voltage
MPSA43
VCBO
200
V
MPSA42
300
V
Collector-Emitter Voltage
MPSA43
VCEO
200
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
Ic
500
mA
SOT-89
500
mW
Collector Dissipation (Ta=25
)
TO-92
Pc
625
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
J =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MPSA42
300
V
Collector-Base Breakdown
Voltage
MPSA43
BVCBO
Ic=100
µA, I
E=0
200
MPSA42
300
V
Collector-Emitter Breakdown
Voltage
MPSA43
BVCEO
Ic=1mA, IB=0
200
Emitter-Base Breakdown Voltage
BVEBO
IE=100µA, Ic=0
6
V
MPSA42
VCB=200V, IE=0
100
nA
Collector Cut-Off Current
MPSA43
ICBO
VCB=160V, IE=0
100
MPSA42
VBE=6V, Ic=0
100
nA
Emitter Cut-Off Current
MPSA43
IEBO
VBE=4V, Ic=0
100
DC Current Gain
hFE
VCE=10V, Ic=1mA
VCE=10V, Ic=10mA
VCE=10V, Ic=30mA
80
80
80
300
Collector-Emitter Saturation Voltage
VCE(SAT)
Ic=20mA, IB=2mA
0.2
V
Base-Emitter Saturation Voltage
VBE(SAT)
Ic=20mA, IB=2mA
0.90
V
Current Gain Bandwidth Product
fT
VCE=20V, Ic=10mA,
f=100MHz
50
MHz
MPSA42
3
pF
Collector Base Capacitance
MPSA43
Ccb
VCB=20V, IE=0
f=1MHz
4
pF


Similar Part No. - MPSA42-T92-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA42-T92-K UTC-MPSA42-T92-K Datasheet
137Kb / 3P
   HIGH VOLTAGE TRANSISTOR
MPSA42-T92-K UTC-MPSA42-T92-K Datasheet
137Kb / 3P
   HIGH VOLTAGE TRANSISTOR
More results

Similar Description - MPSA42-T92-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA94 UTC-MPSA94 Datasheet
173Kb / 3P
   HIGH VOLTAGE TRANSISTOR
MJE3055T UTC-MJE3055T Datasheet
42Kb / 2P
   HIGH VOLTAGE TRANSISTOR
MJE2955T UTC-MJE2955T Datasheet
93Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Continental Device Indi...
CMBT5400 CDIL-CMBT5400 Datasheet
105Kb / 3P
   HIGH VOLTAGE TRANSISTOR
logo
Fairchild Semiconductor
KSP42BU FAIRCHILD-KSP42BU Datasheet
42Kb / 4P
   High Voltage Transistor
KSP92BU FAIRCHILD-KSP92BU Datasheet
69Kb / 4P
   High Voltage Transistor
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T_09 Datasheet
119Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
PZTA96S KEXIN-PZTA96S Datasheet
38Kb / 1P
   High Voltage Transistor
logo
Unisonic Technologies
MPSA94 UTC-MPSA94_11 Datasheet
140Kb / 3P
   HIGH VOLTAGE TRANSISTOR
PZTA92 UTC-PZTA92_12 Datasheet
146Kb / 4P
   HIGH VOLTAGE TRANSISTOR
logo
Pan Jit International I...
MMBT5401 PANJIT-MMBT5401 Datasheet
315Kb / 5P
   HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com