Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZTA14 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PZTA14
Description  DARLINGTON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PZTA14 Datasheet(HTML) 1 Page - Unisonic Technologies

  PZTA14 Datasheet HTML 1Page - Unisonic Technologies PZTA14 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTC PZTA14
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R207-004,B
DARLINGTON TRANSISTOR
DESCRIPTION
The UTC PZTA14 is a Darlington transistor.
FEATURES
*Collector-Emitter Voltage: VCES = 30V
*Collector Power Dissipation: Pc (max) = 1000 mW
SOT-223
3
2
1
4
1:EMITTER 2,4:COLLECTOR 3:BASE
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCES
30
V
Emitter-Base Voltage
VEBO
10
V
Collector Power Dissipation
Pc
1000
mW
Collector Current
Ic
500
mA
Junction Temperature
Tj
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Ta =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN MAX
UNIT
Collector-Emitter Breakdown Voltage
BVCES
Ic=100
µA,IB=0
30
V
Collector Cut-Off Current
ICBO
VCB=30V,IE=0
100
nA
Emitter Cut-Off Current
IEBO
VEB=10V,Ic=0
100
nA
DC Current Gain
hFE
VCE=5V,Ic=100mA
20000
Collector-Emitter Saturation Voltage
VCE(sat)
Ic=100mA,IB=0.1mA
1.5
V
Base-Emitter on Voltage
VBE(on)
VCE=5V,Ic=100mA
2.0
V
Current Gain Bandwidth Product
fT
VCE=5V,Ic=10mA,
f=100MHz
125
MHz
Pulse test: Pulse Width<300
µs, Duty Cycle=2%


Similar Part No. - PZTA14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZTA14 PHILIPS-PZTA14 Datasheet
44Kb / 8P
   NPN Darlington transistor
1999 Apr 14
logo
Infineon Technologies A...
PZTA14 INFINEON-PZTA14 Datasheet
524Kb / 6P
   NPN Silicon Darlington Transistor
2011-10-04
logo
Siemens Semiconductor G...
PZTA14 SIEMENS-PZTA14 Datasheet
139Kb / 4P
   NPN Silicon Darlington Transistors
logo
Nexperia B.V. All right...
PZTA14 NEXPERIA-PZTA14 Datasheet
280Kb / 8P
   NPN Darlington transistor
1999 Apr 14
logo
Fairchild Semiconductor
PZTA14 FAIRCHILD-PZTA14 Datasheet
55Kb / 3P
   NPN Darlington Transistor
More results

Similar Description - PZTA14

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSP25 FAIRCHILD-KSP25 Datasheet
32Kb / 4P
   Darlington Transistor
logo
Motorola, Inc
MMBT6427LT1 MOTOROLA-MMBT6427LT1 Datasheet
249Kb / 8P
   Darlington Transistor
logo
Fairchild Semiconductor
KSP63TA FAIRCHILD-KSP63TA Datasheet
40Kb / 4P
   Darlington Transistor
logo
Unisonic Technologies
PZTA14 UTC-PZTA14_15 Datasheet
102Kb / 2P
   DARLINGTON TRANSISTOR
logo
ON Semiconductor
MMBT6427LT1G ONSEMI-MMBT6427LT1G Datasheet
192Kb / 6P
   Darlington Transistor
October, 2016 ??Rev. 5
logo
Unisonic Technologies
MPSA14 UTC-MPSA14 Datasheet
52Kb / 2P
   DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
KSP12 FAIRCHILD-KSP12 Datasheet
33Kb / 4P
   Darlington Transistor
KST63 FAIRCHILD-KST63 Datasheet
53Kb / 4P
   Darlington Transistor
logo
Motorola, Inc
MPSA28 MOTOROLA-MPSA28 Datasheet
130Kb / 4P
   Darlington Transistor
MPSA62 MOTOROLA-MPSA62 Datasheet
157Kb / 4P
   Darlington Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com