Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL13 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100EL13
Description  5V ECL Dual 1:3 Fanout Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL13 Datasheet(HTML) 1 Page - ON Semiconductor

  MC100EL13 Datasheet HTML 1Page - ON Semiconductor MC100EL13 Datasheet HTML 2Page - ON Semiconductor MC100EL13 Datasheet HTML 3Page - ON Semiconductor MC100EL13 Datasheet HTML 4Page - ON Semiconductor MC100EL13 Datasheet HTML 5Page - ON Semiconductor MC100EL13 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 5
1
Publication Order Number:
MC100EL13/D
MC100EL13
5VECL Dual 1:3 Fanout
Buffer
The MC100EL13 is a dual, fully differential 1:3 fanout buffer. The Low
Output−Output Skew of the device makes it ideal for distributing two
different frequency synchronous signals.
The differential inputs have special circuitry which ensures device
stability under open input conditions. When both differential inputs are left
open the D input will pull down to VEE, The D input will bias around
VCC/2 and the Q output will go LOW.
Features
500 ps Typical Propagation Delays
50 ps Output−Output Skews
The 100 Series Contains Temperature Compensation
PECL Mode Operating Range: VCC = 4.2 V to 5.7 V with
VEE = 0 V
NECL Mode Operating Range: VCC = 0 V with
VEE = −4.2 V to −5.7 V
Internal Input Pulldown Resistors
Q Output will Default LOW with Inputs Open or at VEE
Internal Input Pulldown Resistors on All Inputs, Pullup Resistors on
Inverted Inputs
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING DIAGRAM*
SO−20L
DW SUFFIX
CASE 751D
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
20
1
100EL13
AWLYYWWG
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MC100EL13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL13 ONSEMI-MC100EL13 Datasheet
91Kb / 3P
   Dual 1:3 Fanout Buffer
1996 REV 1
MC100EL13DWG ONSEMI-MC100EL13DWG Datasheet
146Kb / 5P
   5V ECL Dual 1:3 Fanout Buffer
July, 2016 ??Rev. 7
MC100EL13DWR2G ONSEMI-MC100EL13DWR2G Datasheet
146Kb / 5P
   5V ECL Dual 1:3 Fanout Buffer
July, 2016 ??Rev. 7
MC100EL13 ONSEMI-MC100EL13_16 Datasheet
146Kb / 5P
   5V ECL Dual 1:3 Fanout Buffer
July, 2016 ??Rev. 7
More results

Similar Description - MC100EL13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL13 ONSEMI-MC100LVEL13_16 Datasheet
154Kb / 6P
   ECL Dual 1:3 Fanout Buffer
July, 2016 ??Rev. 7
MC100LVEL13 ONSEMI-MC100LVEL13_06 Datasheet
117Kb / 6P
   3.3V ECL Dual 1:3 Fanout Buffer
November, 2006 ??Rev. 5
MC100E210 ONSEMI-MC100E210 Datasheet
64Kb / 8P
   5V ECL Dual 1:4, 1:5 Differential Fanout Buffer
October, 2003 ??Rev. 2
logo
Fairchild Semiconductor
100EL11 FAIRCHILD-100EL11 Datasheet
130Kb / 5P
   5V ECL 1:2 Differential Fanout Buffer
logo
ON Semiconductor
MC100EL13 ONSEMI-MC100EL13_16 Datasheet
146Kb / 5P
   5V ECL Dual 1:3 Fanout Buffer
July, 2016 ??Rev. 7
MC10EP11 ONSEMI-MC10EP11_06 Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
MC10EP11 ONSEMI-MC10EP11 Datasheet
76Kb / 8P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
MC100LVEL13 ONSEMI-MC100LVEL13 Datasheet
91Kb / 3P
   Dual 1:3 Fanout Buffer
1996 REV 1
logo
Integrated Circuit Syst...
ICS853013 ICST-ICS853013 Datasheet
218Kb / 17P
   LOW SKEW, DUAL, 1-TO-3, DIFFERENTIAL-TO-2.5V/3.3V/5V LVPECL/ECL FANOUT BUFFER
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_16 Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com