Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8139L-AB3-D-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 8139L-AB3-D-R
Description  POWER RESET IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8139L-AB3-D-R Datasheet(HTML) 4 Page - Unisonic Technologies

  8139L-AB3-D-R Datasheet HTML 1Page - Unisonic Technologies 8139L-AB3-D-R Datasheet HTML 2Page - Unisonic Technologies 8139L-AB3-D-R Datasheet HTML 3Page - Unisonic Technologies 8139L-AB3-D-R Datasheet HTML 4Page - Unisonic Technologies 8139L-AB3-D-R Datasheet HTML 5Page - Unisonic Technologies 8139L-AB3-D-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
81XX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R119-001,J
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
(*1)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
“H” Transmission Delay Time
TpLH (*2)
4
CL=100pF, RL=4.7KΩ
20
60
µS
“L” Transmission Delay Time
TpHL (*3)
4
CL=100pF, RL=4.7kΩ
20
60
µS
Operating Threshold Voltage
VOPL
1
RL=4.7kΩ, VOL≦0.4V
0.65
0.85
V
Output current at ON Time 1
IOL1
2
RL=0, VCC=Vs min.-0.05V,
VOUT=0.4V
5
mA
Output current at ON Time 2
IOL2
2
Ta=-20~+75
°C
RL=0, VCC=VSS min.-0.15V
VOUT=0.4V
3
mA
Note:
(*1) MEASUREMENT CIRCUIT
(*2) TpLH: VCC=(VSS Typ. –0.4V) -> (VSS Typ. +0.4V)
(*3) TpHL: VCC=(VSS Typ. +0.4V) -> (VSS Typ. -0.4V)


Similar Part No. - 8139L-AB3-D-R

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
8139 NTE-8139 Datasheet
61Kb / 1P
   Thermal Cutoff
logo
Heyco.
8139 HEYCO-8139 Datasheet
187Kb / 1P
   Ring and Spade Terminals
logo
Christian Bürkert GmbH ...
8139 BURKERT-8139 Datasheet
1Mb / 19P
   Radar level meter for liquids suitable for use in applications with aggressive fluids as well as with hygienic requirements
15.09.2021
logo
Tyco Electronics
813914-000 MACOM-813914-000 Datasheet
652Kb / 24P
   RAYCHEM Tubing Products
logo
Mallory performance clu...
81392 MALLORY-81392 Datasheet
637Kb / 4P
   MSD 20 Amp Pro Mag Generator
More results

Similar Description - 8139L-AB3-D-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
81XX UTC-81XX_15 Datasheet
241Kb / 7P
   POWER RESET IC
81XX UTC-81XX_10 Datasheet
198Kb / 6P
   POWER RESET IC
81XX UTC-81XX_12 Datasheet
237Kb / 6P
   POWER RESET IC
81XX UTC-81XX_15 Datasheet
241Kb / 7P
   POWER RESET IC
logo
Global Mixed-mode Techn...
G678 GMT-G678 Datasheet
76Kb / 1P
   Micro-Power Reset IC
logo
Shanghai Consonance Ele...
CN803 CONSONANCE-CN803 Datasheet
144Kb / 7P
   Ultra Low Power Microprocessor Reset IC
logo
ACE Technology Co., LTD...
ACE803N ACE-ACE803N Datasheet
651Kb / 8P
   Ultra Low Power Microprocessor Reset IC
VER 1.2
logo
KODENSHI_AUK CORP.
BMR-0301 KODENSHI-BMR-0301 Datasheet
312Kb / 2P
   System Reset IC
BMR-0201 KODENSHI-BMR-0201 Datasheet
314Kb / 2P
   System Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
   Microprocessor Reset IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com