Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGFC36V6472A Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # MGFC36V6472A
Description  6.4 - 7.2GHz BAND 4W INTERNALLY MATCHED GaAs FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGFC36V6472A Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MGFC36V6472A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGFC36V6472A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - MGFC36V6472A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC36V6472A MITSUBISHI-MGFC36V6472A Datasheet
184Kb / 2P
   6.4 ~ 7.2GHz BAND 4W INTERNALLY MATCHED GaAs FET
MGFC36V6472A MITSUBISHI-MGFC36V6472A Datasheet
93Kb / 2P
   C band internally matched power GaAs FET
MGFC36V6472A MITSUBISHI-MGFC36V6472A_04 Datasheet
184Kb / 2P
   6.4 ~ 7.2GHz BAND 4W INTERNALLY MATCHED GaAs FET
MGFC36V6472A MITSUBISHI-MGFC36V6472A_11 Datasheet
93Kb / 2P
   C band internally matched power GaAs FET
More results

Similar Description - MGFC36V6472A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC36V6472A MITSUBISHI-MGFC36V6472A_04 Datasheet
184Kb / 2P
   6.4 ~ 7.2GHz BAND 4W INTERNALLY MATCHED GaAs FET
MGFC40V6472 MITSUBISHI-MGFC40V6472_04 Datasheet
190Kb / 2P
   6.4 - 7.2GHz BAND 10W INTERNALLY MATCHED GaAs FET
MGFC39V6472A MITSUBISHI-MGFC39V6472A Datasheet
101Kb / 2P
   6.4 - 7.2GHz BAND 8W INTERNALLY MATCHED GaAs FET
MGFC45V6472A MITSUBISHI-MGFC45V6472A_04 Datasheet
230Kb / 3P
   6.4-7.2GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFC38V6472 MITSUBISHI-MGFC38V6472 Datasheet
93Kb / 2P
   6.4 - 7.2GHz BAND 6W INTERNALLY MATCHED GaAs FET
MGFC40V6472A MITSUBISHI-MGFC40V6472A Datasheet
102Kb / 2P
   6.4 - 7.2GHz BAND 10W INTERNALLY MATCHED GaAs FET
MGFC42V6472A MITSUBISHI-MGFC42V6472A Datasheet
220Kb / 3P
   6.4 - 7.2GHz BAND 16W INTERNALLY MATCHED GaAs FET
MGFC42V6472 MITSUBISHI-MGFC42V6472 Datasheet
83Kb / 2P
   6.4 - 7.2GHz BAND 16W INTERNALLY MATCHED GaAs FET
MGFC39V6472A MITSUBISHI-MGFC39V6472A_04 Datasheet
184Kb / 2P
   6.4 ~ 7.2GHz BAND 8W INTERNALLY MATCHED GaAs FET
MGFC41V6472 MITSUBISHI-MGFC41V6472 Datasheet
212Kb / 2P
   6.4 ~ 7.2GHz BAND 12W INTERNALLY MATCHED GaAs FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com