Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6950FS Datasheet(PDF) 4 Page - Rohm

Part # BA6950FS
Description  Reversible Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6950FS Datasheet(HTML) 4 Page - Rohm

  BA6950FS Datasheet HTML 1Page - Rohm BA6950FS Datasheet HTML 2Page - Rohm BA6950FS Datasheet HTML 3Page - Rohm BA6950FS Datasheet HTML 4Page - Rohm BA6950FS Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Appendix
Appendix1-Rev1.1
The products listed in this document are designed to be used with ordinary electronic equipment or devices
(such as audio visual equipment, office-automation equipment, communications devices, electrical
appliances and electronic toys).
Should you intend to use these products with equipment or devices which require an extremely high level of
reliability and the malfunction of with would directly endanger human life (such as medical instruments,
transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other
safety devices), please be sure to consult with our sales representative in advance.
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any
means without prior permission of ROHM CO.,LTD.
The contents described herein are subject to change without notice. The specifications for the
product described in this document are for reference only. Upon actual use, therefore, please request
that specifications to be separately delivered.
Application circuit diagrams and circuit constants contained herein are shown as examples of standard
use and operation. Please pay careful attention to the peripheral conditions when designing circuits
and deciding upon circuit constants in the set.
Any data, including, but not limited to application circuit diagrams information, described herein
are intended only as illustrations of such devices and not as the specifications for such devices. ROHM
CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any
third party's intellectual property rights or other proprietary rights, and further, assumes no liability of
whatsoever nature in the event of any such infringement, or arising from or connected with or related
to the use of such devices.
Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or
otherwise dispose of the same, no express or implied right or license to practice or commercially
exploit any intellectual property rights or other proprietary rights owned or controlled by
ROHM CO., LTD. is granted to any such buyer.
Products listed in this document are no antiradiation design.
About Export Control Order in Japan
Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control
Order in Japan.
In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause)
on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.


Similar Part No. - BA6950FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6950FS ROHM-BA6950FS Datasheet
99Kb / 6P
   Reversible motor driver
BA6950FS ROHM-BA6950FS Datasheet
272Kb / 10P
   Reversible Motor Drivers for 0.8A or less (1 Motor)
BA6950FS ROHM-BA6950FS Datasheet
307Kb / 11P
   0.5A or Less Reversible Motor Driver (Single Motor)
BA6950FS ROHM-BA6950FS_10 Datasheet
272Kb / 10P
   Reversible Motor Drivers for 0.8A or less (1 Motor)
BA6950FS ROHM-BA6950FS_11 Datasheet
307Kb / 11P
   0.5A or Less Reversible Motor Driver (Single Motor)
More results

Similar Description - BA6950FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6285FS ROHM-BA6285FS Datasheet
155Kb / 9P
   Reversible motor driver
logo
Unisonic Technologies
BA6208 UTC-BA6208_15 Datasheet
192Kb / 4P
   REVERSIBLE MOTOR DRIVER
logo
Rohm
BA6951FS ROHM-BA6951FS Datasheet
303Kb / 5P
   Reversible Motor Driver
BA6222 ROHM-BA6222_1 Datasheet
290Kb / 5P
   Reversible Motor Driver
BA6289F-E2 ROHM-BA6289F-E2 Datasheet
119Kb / 9P
   Reversible motor driver
logo
Tiger Electronic Co.,Lt...
BA6208 TGS-BA6208 Datasheet
639Kb / 4P
   REVERSIBLE MOTOR DRIVER
logo
Rohm
BD6941FM ROHM-BD6941FM Datasheet
333Kb / 5P
   Reversible Motor Driver
BA6208F-E2 ROHM-BA6208F-E2 Datasheet
45Kb / 2P
   Reversible motor driver
BA6247 ROHM-BA6247 Datasheet
121Kb / 6P
   Reversible motor driver
logo
Ceramate Technical
CMD6208 CERAMATE-CMD6208 Datasheet
86Kb / 3P
   Reversible Motor Driver
logo
Unisonic Technologies
UA9287 UTC-UA9287_12 Datasheet
146Kb / 4P
   REVERSIBLE MOTOR DRIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com