Selected language     English  ▼


MC78M00_06 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. MC78M00_06
Description  500 mA Positive Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 5 page
background image
MC78M00, MC78M00A Series
http://onsemi.com
5
MC78M15C/AC/B/AB ELECTRICAL CHARACTERISTICS (VI = 23 V, IO = 350 mA, TJ = Tlow to Thigh, PD ≤ 5.0 W,
unless otherwise noted) (Note 5)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
Vdc
MC78M15C
14.4
15
15.6
MC78M15AC
14.7
15
15.3
Output Voltage Variation
VO
Vdc
(17.5 Vdc
≤ VI ≤ 30 Vdc, 5.0 mA ≤ IO ≤ 350 mA)
MC78M15C
14.25
15.75
MC78M15AC
14.40
15.60
Input Regulation
Regline
10
50
mV
(TJ = 25°C, 17.5 Vdc ≤ VI ≤ 30 Vdc, IO = 200 mA)
Load Regulation
Regload
mV
(TJ = 25°C, 5.0 mA ≤ IO ≤ 500 mA)
25
300
(TJ = 25°C, 5.0 mA ≤ IO ≤ 200 mA)
10
150
Input Bias Current (TJ = 25°C)
IIB
3.2
6.0
mA
Quiescent Current Change
DIIB
mA
(17.5 Vdc
≤ VI ≤ 30 Vdc, IO = 200 mA)
0.8
(5.0 mA
≤ IO ≤ 350 mA)
0.5
Output Noise Voltage (TA = 25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
90
mV
Ripple Rejection
RR
dB
(IO = 100 mA, f = 120 Hz, 18.5 V ≤ VI ≤ 28.5 V)
54
(IO = 300 mA, f = 120 Hz, 18.5 V ≤ VI ≤ 28.5 V, TJ = 25°C)
54
70
Dropout Voltage
VI−VO
2.0
Vdc
(TJ = 25°C)
Short Circuit Current Limit (TJ = 25°C, VI = 35 V)
IOS
50
mA
Average Temperature Coefficient of Output Voltage
DVO/DT
±0.3
mV/
°C
(IO = 5.0 mA)
Peak Output Current
IO
700
mA
(TJ = 25°C)
MC78M18C/B ELECTRICAL CHARACTERISTICS (VI = 27 V, IO = 350 mA, TJ = Tlow to Thigh, PD ≤ 5.0 W,
unless otherwise noted) (Note 5)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
17.3
18
18.7
Vdc
Output Voltage Variation
VO
17.1
18.9
Vdc
(21 Vdc
≤ VI ≤ 33 Vdc, 5.0 mA ≤ IO ≤ 350 mA)
Line Regulation
Regline
10
50
mV
(TJ = 25°C, 21 Vdc ≤ VI ≤ 33 Vdc, IO = 200 mA)
Load Regulation
Regload
mV
(TJ = 25°C, 5.0 mA ≤ IO ≤ 500 mA)
30
360
(TJ = 25°C, 5.0 mA ≤ IO ≤ 200 mA)
10
180
Input Bias Current (TJ = 25°C)
IIB
3.2
6.5
mA
Quiescent Current Change
DIIB
mA
(21 Vdc
≤ VI ≤ 33 Vdc, IO = 200 mA)
0.8
(5.0 mA
≤ IO ≤ 350 mA)
0.5
Output Noise Voltage (TA = 25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
100
mV
Ripple Rejection
RR
dB
(IO = 100 mA, f = 120 Hz, 22 V ≤ VI ≤ 32 V)
53
(IO = 300 mA, f = 120 Hz, 22 V ≤ VI ≤ 32 V, TJ = 25°C)
53
70
Dropout Voltage
VI−VO
2.0
Vdc
(TJ = 25°C)
Short Circuit Current Limit (TJ = 25°C, VI = 35 V)
IOS
50
mA
Average Temperature Coefficient of Output Voltage
DVO/DT
±0.3
mV/
°C
(IO = 5.0 mA)
Peak Output Current
IO
700
mA
(TJ = 25°C)
5. Tlow =0°C for MC78MxxAC, C
Thigh = +125°C for MC78MxxAB, AC, B, C
= −40
°C for MC78MxxAB, B




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM78003-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor (TI)
LR1106LARGE CURRENT POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreUnisonic Technologies
LR1118LOW DROP POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreUnisonic Technologies
LD1117LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreSTMicroelectronics
LD1117_05LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreUnisonic Technologies
LM317M_06500 mA Adjustable Output Positive Voltage Regulator 1 2 3 4 5 MoreON Semiconductor
OM3901SCDUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING 1 2 3 4 List of Unclassifed Manufacturers
LM3173-Terminal Adjustable Output Positive Voltage Regulators 1 2 3 4 5 MoreVishay Siliconix
MC79M00500 mA Negative Voltage Regulators 1 2 3 4 5 MoreON Semiconductor
LM317CM3-Terminal Adjustable Output Positive Voltage Regulators 1 2 3 4 5 MoreVishay Siliconix

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl