Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC78M00 Datasheet(PDF) 13 Page - ON Semiconductor

Part # MC78M00
Description  500 mA Positive Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78M00 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button MC78M00_06 Datasheet HTML 8Page - ON Semiconductor MC78M00_06 Datasheet HTML 9Page - ON Semiconductor MC78M00_06 Datasheet HTML 10Page - ON Semiconductor MC78M00_06 Datasheet HTML 11Page - ON Semiconductor MC78M00_06 Datasheet HTML 12Page - ON Semiconductor MC78M00_06 Datasheet HTML 13Page - ON Semiconductor MC78M00_06 Datasheet HTML 14Page - ON Semiconductor MC78M00_06 Datasheet HTML 15Page - ON Semiconductor MC78M00_06 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MC78M00, MC78M00A Series
http://onsemi.com
13
ORDERING INFORMATION
Device
Output
Voltage
Temperature Range
Package
Marking
Shipping
MC78M15CDT
15 V
TJ = 0° to +125°C
DPAK−3
78M15
75 Units / Rail
MC78M15CDTG
DPAK−3
(Pb−Free)
78M15
MC78M15CDTRK
DPAK−3
78M15
2500 Units / Tape & Reel
MC78M15CDTRKG
DPAK−3
(Pb−Free)
78M15
MC78M15ACDT
DPAK−3
8M15D
75 Units / Rail
MC78M15ACDTG
DPAK−3
(Pb−Free)
8M15D
MC78M15ACDTRK
DPAK−3
8M15D
2500 Units / Tape & Reel
MC78M15ACDTRKG
DPAK−3
(Pb−Free)
8M15D
MC78M15CT
TO−220
78M15CT
50 Units / Rail
MC78M15CTG
TO−220
(Pb−Free)
78M15CT
MC78M15ACT
TO−220
78M15ACT
MC78M15ACTG
TO−220
(Pb−Free)
78M15ACT
MC78M15ABDT
TJ = −40° to +125°C
DPAK−3
8M15A
75 Units / Rail
MC78M15ABDTG
DPAK−3
(Pb−Free)
8M15A
MC78M15ABDTRK
DPAK−3
8M15A
2500 Units / Tape & Reel
MC78M15ABDTRKG
DPAK−3
(Pb−Free)
8M15A
MC78M15ABT
TO−220
78M15ABT
50 Units / Rail
MC78M15ABTG
TO−220
(Pb−Free)
78M15ABT
MC78M15BDT
DPAK−3
8M15B
75 Units / Rail
MC78M15BDTG
DPAK−3
(Pb−Free)
8M15B
MC78M15BDTRK
DPAK−3
8M15B
2500 Units / Tape & Reel
MC78M15BDTRKG
DPAK−3
(Pb−Free)
8M15B
MC78M15BT
TO−220
78M15BT
50 Units / Rail
MC78M15BTG
TO−220
(Pb−Free)
78M15BT
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC78M00_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78M00A ONSEMI-MC78M00A Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00A ONSEMI-MC78M00A Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00A ONSEMI-MC78M00A Datasheet
209Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M00A ONSEMI-MC78M00A Datasheet
230Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M00A ONSEMI-MC78M00A Datasheet
309Kb / 14P
   500 mA Positive Voltage Regulators
November, 2021 - Rev. 29
More results

Similar Description - MC78M00_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00 ONSEMI-MC78M00_16 Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
NCV78M05BDTRKG ONSEMI-NCV78M05BDTRKG Datasheet
209Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M00 ONSEMI-MC78M00 Datasheet
153Kb / 16P
   500 mA Positive Voltage Regulators
November, 2005 ??Rev. 16
MC78M00 ONSEMI-MC78M00_V01 Datasheet
309Kb / 14P
   500 mA Positive Voltage Regulators
November, 2021 - Rev. 29
NCV78M12BDTRKG ONSEMI-NCV78M12BDTRKG Datasheet
230Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M09BDTG ONSEMI-MC78M09BDTG_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
logo
Texas Instruments
LM341 TI1-LM341_17 Datasheet
1Mb / 22P
[Old version datasheet]   3-Terminal 500-mA Positive Voltage Regulators
logo
ON Semiconductor
MC79M08BDTG ONSEMI-MC79M08BDTG Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com