Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUW13F Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BUW13F
Description  Silicon diffused power transistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUW13F Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BUW13F Datasheet HTML 4Page - NXP Semiconductors BUW13F Datasheet HTML 5Page - NXP Semiconductors BUW13F Datasheet HTML 6Page - NXP Semiconductors BUW13F Datasheet HTML 7Page - NXP Semiconductors BUW13F Datasheet HTML 8Page - NXP Semiconductors BUW13F Datasheet HTML 9Page - NXP Semiconductors BUW13F Datasheet HTML 10Page - NXP Semiconductors BUW13F Datasheet HTML 11Page - NXP Semiconductors BUW13F Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1997 Aug 13
8
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUW13F; BUW13AF
Fig.8 Base-emitter and collector-emitter saturation voltages as functions of collector current; typical values.
handbook, full pagewidth
0
2.0
MGB915
10−1
102
110
IC (A)
VBEsat
VCEsat
(V)
0.5
1.5
1.0
(1)
(2)
(3)
(4)
IC/IB =5.
(1) VBE; Tj =25 °C.
(2) VBE; Tj = 100 °C.
(3) VCE; Tj = 100 °C.
(4) VCE; Tj =25 °C.
Fig.9 Base-emitter voltage as a function of base current; typical values.
handbook, full pagewidth
6
IB (A)
1.6
1.4
0.8
0
VBE
(V)
MGB912
1.2
1.0
4
2
1
5
3
(1)
(2)
(3)
Tj =25 °C.
(1) IC =15A.
(2) IC =10A.
(3) IC =5A.


Similar Part No. - BUW13F

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
BUW13F SAVANTIC-BUW13F Datasheet
120Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BUW13F ISC-BUW13F Datasheet
138Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
BUW13F SAVANTIC-BUW13F Datasheet
121Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - BUW13F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUW12F PHILIPS-BUW12F Datasheet
81Kb / 12P
   Silicon diffused power transistors
1997 Aug 14
BUX46 PHILIPS-BUX46 Datasheet
331Kb / 7P
   SILICON DIFFUSED POWER TRANSISTORS
July 1988
BUT12 PHILIPS-BUT12 Datasheet
100Kb / 12P
   Silicon diffused power transistors
1997 Aug 13
BUW11F PHILIPS-BUW11F Datasheet
88Kb / 12P
   Silicon diffused power transistors
1997 Aug 14
BU505 PHILIPS-BU505 Datasheet
74Kb / 12P
   Silicon diffused power transistors
1997 Aug 13
BUX84 PHILIPS-BUX84 Datasheet
94Kb / 12P
   Silicon diffused power transistors
1997 Aug 13
BUW11W PHILIPS-BUW11W Datasheet
79Kb / 12P
   Silicon diffused power transistors
1997 Aug 14
logo
List of Unclassifed Man...
BU508DF ETC2-BU508DF Datasheet
228Kb / 2P
   SILICON DIFFUSED POWER TRANSISTORS
logo
NXP Semiconductors
BU505F PHILIPS-BU505F Datasheet
81Kb / 12P
   Silicon diffused power transistors
1997 Aug 13
BU506F PHILIPS-BU506F Datasheet
83Kb / 12P
   Silicon diffused power transistors
1997 Aug 14
BUT12F PHILIPS-BUT12F Datasheet
78Kb / 12P
   Silicon diffused power transistors
1997 Aug 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com