Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4066L-D14-T Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 4066L-D14-T
Description  QUAD BILATERAL SWITCH
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4066L-D14-T Datasheet(HTML) 7 Page - Unisonic Technologies

  4066L-D14-T Datasheet HTML 1Page - Unisonic Technologies 4066L-D14-T Datasheet HTML 2Page - Unisonic Technologies 4066L-D14-T Datasheet HTML 3Page - Unisonic Technologies 4066L-D14-T Datasheet HTML 4Page - Unisonic Technologies 4066L-D14-T Datasheet HTML 5Page - Unisonic Technologies 4066L-D14-T Datasheet HTML 6Page - Unisonic Technologies 4066L-D14-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
4066
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 7
www.unisonic.com.tw
QW-R502-009,C
TYPICAL PERFORMANCE CHARACTERISTICS
0
0
ON”Resistance vs Signal Voltage for Ta=25℃
400
350
300
250
200
150
100
50
-8
-6
-4
-2
2
4
6
8
Signal Voltage (VIS) (V)
0
0
“ON”Resistance as a Function of emperature for
VDD-VSS=15V
400
350
300
250
200
150
100
50
-8
-6
-4
-2
2
4
6
8
Signal Voltage (VIS) (V)
VDD-VSS=5V
VDD-VSS=10V
VDD-VSS=15V
Ta=+125℃
Ta=+25℃
Ta =-20℃
0
0
400
350
300
250
200
150
100
50
-8
-6
-4
-2
2
4
6
8
Signal Voltage (VIS) (V)
0
0
400
350
300
250
200
150
100
50
-8
-6
-4
-2
2
4
6
8
Signal Voltage (VIS) (V)
"ON" Resistance as a Function of Temperaturefor
VDD-VSS=10V
Ta =+125℃
Ta =+25℃
Ta=-20℃
"ON" Resistance as a Function of Temperature for
VDD-VSS=15V
Ta=+125℃
Ta =+25℃
Ta =-20℃
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 4066L-D14-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4066L-D14-T UTC-4066L-D14-T Datasheet
380Kb / 7P
   QUAD BILATERAL SWITCH
4066L-D14-T UTC-4066L-D14-T Datasheet
309Kb / 7P
   QUAD BILATERAL SWITCH
More results

Similar Description - 4066L-D14-T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
   Quad Bilateral Switch
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com