Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2746 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DS2746
Description  Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DS2746 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DS2746 Datasheet HTML 2Page - Vishay Siliconix DS2746 Datasheet HTML 3Page - Vishay Siliconix DS2746 Datasheet HTML 4Page - Vishay Siliconix DS2746 Datasheet HTML 5Page - Vishay Siliconix DS2746 Datasheet HTML 6Page - Vishay Siliconix DS2746 Datasheet HTML 7Page - Vishay Siliconix DS2746 Datasheet HTML 8Page - Vishay Siliconix DS2746 Datasheet HTML 9Page - Vishay Siliconix DS2746 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
DS2746 Low-Cost 2-Wire Battery Monitor
6 of 15
Figure 3. APPLICATION EXAMPLE
POWER MODES
The DS2746 operates in one of two power modes: active and sleep. While in active mode, the DS2746 operates as
a high-precision battery monitor with voltage, auxiliary inputs, current and accumulated current measurements
acquired continuously and the resulting values updated in the measurement registers. Read and write access is
allowed to all registers. In sleep mode, the DS2746 operates in a low-power mode with no measurement activity.
The DS2746 operating mode transitions from SLEEP to ACTIVE when:
( SCL > VIH ) OR ( SDA > VIH )
The DS2746 operating mode transitions from ACTIVE to SLEEP when:
SMOD = 1 AND [ ( SCL < VIL ) AND ( SDA < VIL ) ] for tSLEEP
CAUTION: If SMOD = 1, a pull-up resistor is required on SCL and SDA in order to ensure that the DS2746
transitions from SLEEP to ACTIVE mode when the battery is charged. If the bus is not pulled up, the DS2746
remains in SLEEP and cannot accumulate the charge current.
MEASUREMENT SEQUENCE
The DS2746 uses seperate A/D converters to make voltage and current measurements. Each A/D converter
operates completely independent of the other, allowing measurements of voltage and current to be made in
parallel. Current Measurements are made at a resolution of 13 bits plus sign bit. The current register is updated
every 878ms with the average for that time period.
All Voltage Measurements are made at a resolution of 11 bits plus sign bit. The DS2746 continouly cycles through
measuring VIN, AIN0, and AIN1 in that order. Voltage measurement of each input requires 220ms to complete. A
full sequence of voltage measurements requires 660ms to complete. VOUT is active for a precharge time of tPRE
before the AIN0 measurement time occurs. The VOUT pin is enabled during the entire AIN0 and AIN1 measurement
sequence as long as the VODIS (VOUT Disable) bit is cleared. See Figure 4.


Similar Part No. - DS2746

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2746 DALLAS-DS2746 Datasheet
272Kb / 16P
   Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
logo
Maxim Integrated Produc...
DS2746 MAXIM-DS2746 Datasheet
306Kb / 17P
   Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
5/09
logo
Dallas Semiconductor
DS2746G++ DALLAS-DS2746G+ Datasheet
272Kb / 16P
   Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
logo
Maxim Integrated Produc...
DS2746G++ MAXIM-DS2746G+ Datasheet
306Kb / 17P
   Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
5/09
logo
Dallas Semiconductor
DS2746G+TR DALLAS-DS2746G+TR Datasheet
272Kb / 16P
   Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
More results

Similar Description - DS2746

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2746 DALLAS-DS2746_07 Datasheet
272Kb / 16P
   Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
logo
Maxim Integrated Produc...
DS2746 MAXIM-DS2746 Datasheet
306Kb / 17P
   Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
5/09
DS2745 MAXIM-DS2745_09 Datasheet
237Kb / 15P
   Low-Cost I2C Battery Monitor
5/09
DS2745 MAXIM-DS2745 Datasheet
223Kb / 14P
   Low-Cost I2C Battery Monitor
091405
DS2745EVKIT MAXIM-DS2745EVKIT Datasheet
150Kb / 11P
   Low-Cost I2C Battery Monitor Evaluation Kit
Rev 11/09
logo
MEMSIC Semiconductor (T...
MXR7999VW MEMSIC-MXR7999VW Datasheet
367Kb / 6P
   Low Cost Dual-Axis Accelerometer with Ratiometric Outputs
Rev C
logo
Maxim Integrated Produc...
DS2764 MAXIM-DS2764_V01 Datasheet
191Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
2006
DS2764 MAXIM-DS2764 Datasheet
246Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
011005
logo
MEMSIC Semiconductor (T...
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
   Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
logo
List of Unclassifed Man...
MXR9500G ETC1-MXR9500G Datasheet
243Kb / 5P
   Low Cost 짹1.5 g Tri Axis Accelerometer with Ratiometric Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com