Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2W0110YPS Datasheet(PDF) 6 Page - Sharp Corporation

Part # GP2W0110YPS
Description  Low Power Infrared Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W0110YPS Datasheet(HTML) 6 Page - Sharp Corporation

Back Button GP2W0110YPS Datasheet HTML 2Page - Sharp Corporation GP2W0110YPS Datasheet HTML 3Page - Sharp Corporation GP2W0110YPS Datasheet HTML 4Page - Sharp Corporation GP2W0110YPS Datasheet HTML 5Page - Sharp Corporation GP2W0110YPS Datasheet HTML 6Page - Sharp Corporation GP2W0110YPS Datasheet HTML 7Page - Sharp Corporation GP2W0110YPS Datasheet HTML 8Page - Sharp Corporation GP2W0110YPS Datasheet HTML 9Page - Sharp Corporation GP2W0110YPS Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
GP2W0110YPS/GP2W0114YPS
Low Power Infrared Transceiver
6
IrDA Technical Information
ELECTRICAL DESIGN APPLICATION TIPS
The only external component needed for the
GP2W0110YPS/GP2W0114YPS is a capacitor for fil-
tering any power supply noise.
Application Circuit and External
Passive Components
The value of the external component CX in these
examples is a nominal 10
µF/6.3 V. However, it should
be adjusted as necessary for power supply noise and
frequency.
VLEDA may be connected to VDD or driven sepa-
rately from a different voltage source that is within the
allowed range. The recommended operating voltage
range for VDD is 2.0 V to 3.6 V, and the operating range
for VLEDA is 2.0 V to 6.0 V.
An example of Split Voltage Source design is shown
in Figure 7. VDD provides power only to the receiver
electronics. This regulated source can be at a lower
potential than VLEDA (the voltage source for the LED).
The VLEDA voltage may be directly driven from the
battery as shown in Figure 7. The VDD associated with
the Receiver interface electronics may be supported by
a power regulator or other device providing an efficient
regulated lower voltage source. This voltage may be as
low as 2.0 V to 3.6 V, and the VLEDA potential may
range from 2.0 Volts to 6.0 Volts.
An alternative is to connect the VLEDA and VDD pins
together as shown in Figure 8. This arrangement
allows the GP2W0110YPS/GP2W0114YPS to be used
in existing applications where both of these voltage
sources are connected. It is footprint and interface
compatible with previous SHARP GP2W0102YP/
GP2W0104YP/GP2W0106YP products.
Figure 6. GP2W0110YPS/GP2W0114YPS
Pin Connections
Figure 7. Split Voltage Source Example
Figure 8. Combining Voltage Sources
1
NC
2
NC
3
VDD
4
GND
GP2W0110YPS-5
CX
VDD GND SD RxD TxD
5
SD
6
RxD
7
TxD
8
LEDA
LEDA
+
COMPONENT
NOTE: Suitable CX value should be adjusted in accordance
with the noise level and the power supply frequency.
RECOMMENDED VALUES
CX
10
µF/6.3 V (NOTE)
RECEIVER
INTERFACE
ELECTRONICS
RxD
VLEDA
VDD
TxD
SD
GP2W0110YPS-6
RECEIVER
INTERFACE
ELECTRONICS
RxD
VLEDA
VDD
TxD
SD
GP2W0110YPS-7


Similar Part No. - GP2W0110YPS

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2W0110YP SHARP-GP2W0110YP Datasheet
700Kb / 24P
   TECHNICAL LITERATURE FOR Optical Data communication transceiver
More results

Similar Description - GP2W0110YPS

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2W0002YP SHARP-GP2W0002YP Datasheet
145Kb / 14P
   Low Power Infrared Transceiver
logo
Motorola, Inc
MC13173 MOTOROLA-MC13173 Datasheet
340Kb / 18P
   INFRARED TRANSCEIVER
logo
Agilent(Hewlett-Packard...
HSDL-1100_98H HP-HSDL-1100_98H Datasheet
204Kb / 12P
   Infrared Transceiver
HSDL-3210 HP-HSDL-3210 Datasheet
266Kb / 20P
   IrDA Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Vishay Siliconix
TFBR4650 VISHAY-TFBR4650 Datasheet
261Kb / 12P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.3, 22-Oct-2018
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3210 AVAGO-HSDL-3210 Datasheet
461Kb / 24P
   IrDA짰 Compliant Low Power 1.15 Mbit/s Infrared Transceiver
ASDL-3212 AVAGO-ASDL-3212 Datasheet
544Kb / 17P
   IrDA Data Compliant Low Power 1.152 Mbit/s Infrared Transceiver
HSDL-3220 AVAGO-HSDL-3220 Datasheet
176Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
HSDL-3211 AVAGO-HSDL-3211 Datasheet
171Kb / 18P
   IrDA짰 Data Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3220-021 LITEON-HSDL-3220-021 Datasheet
359Kb / 18P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com