Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUX84F Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BUX84F
Description  Silicon diffused power transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUX84F Datasheet(HTML) 4 Page - NXP Semiconductors

  BUX84F Datasheet HTML 1Page - NXP Semiconductors BUX84F Datasheet HTML 2Page - NXP Semiconductors BUX84F Datasheet HTML 3Page - NXP Semiconductors BUX84F Datasheet HTML 4Page - NXP Semiconductors BUX84F Datasheet HTML 5Page - NXP Semiconductors BUX84F Datasheet HTML 6Page - NXP Semiconductors BUX84F Datasheet HTML 7Page - NXP Semiconductors BUX84F Datasheet HTML 8Page - NXP Semiconductors BUX84F Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1997 Aug 14
4
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUX84F; BUX85F
Switching times resistive load (see Fig.7)
ton
turn-on time
ICon = 1 A; IBon = 200 mA;
IBoff = −400 mA; VCC = 250 V
0.2
0.5
µs
ts
storage time
ICon = 1 A; IBon = 200 mA;
IBoff = −400 mA; VCC = 250 V
2
3.5
µs
tf
fall time
ICon = 1 A; IBon = 200 mA;
IBoff = −400 mA; VCC = 250 V
0.4
−µs
ICon = 1 A; IBon = 200 mA;
IBoff = −400 mA; VCC = 250 V;
Tmb =95 °C
−−
1.4
µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Fig.2
Test circuit for collector-emitter
sustaining voltage.
andbook, halfpage
MGE252
+ 50 V
100 to 200
30 to 60 Hz
L
6 V
oscilloscope
vertical
horizontal
1
300
Fig.3
Oscilloscope display for collector-emitter
sustaining voltage.
handbook, halfpage
MGE239
IC
(mA)
250
200
100
0
min
VCEOsust
VCE (V)


Similar Part No. - BUX84F

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
BUX84F SAVANTIC-BUX84F Datasheet
110Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BUX84F ISC-BUX84F Datasheet
132Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - BUX84F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUW12F PHILIPS-BUW12F Datasheet
81Kb / 12P
   Silicon diffused power transistors
1997 Aug 14
BUX46 PHILIPS-BUX46 Datasheet
331Kb / 7P
   SILICON DIFFUSED POWER TRANSISTORS
July 1988
BUT12 PHILIPS-BUT12 Datasheet
100Kb / 12P
   Silicon diffused power transistors
1997 Aug 13
BUW11F PHILIPS-BUW11F Datasheet
88Kb / 12P
   Silicon diffused power transistors
1997 Aug 14
BU505 PHILIPS-BU505 Datasheet
74Kb / 12P
   Silicon diffused power transistors
1997 Aug 13
BUX84 PHILIPS-BUX84 Datasheet
94Kb / 12P
   Silicon diffused power transistors
1997 Aug 13
BUW11W PHILIPS-BUW11W Datasheet
79Kb / 12P
   Silicon diffused power transistors
1997 Aug 14
logo
List of Unclassifed Man...
BU508DF ETC2-BU508DF Datasheet
228Kb / 2P
   SILICON DIFFUSED POWER TRANSISTORS
logo
NXP Semiconductors
BU505F PHILIPS-BU505F Datasheet
81Kb / 12P
   Silicon diffused power transistors
1997 Aug 13
BU506F PHILIPS-BU506F Datasheet
83Kb / 12P
   Silicon diffused power transistors
1997 Aug 14
BUT12F PHILIPS-BUT12F Datasheet
78Kb / 12P
   Silicon diffused power transistors
1997 Aug 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com