Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS048AD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS048AD
Description  LVDS QUAD DIFFERENTIAL LINE RECEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS048AD Datasheet(HTML) 3 Page - Texas Instruments

  SN65LVDS048AD Datasheet HTML 1Page - Texas Instruments SN65LVDS048AD Datasheet HTML 2Page - Texas Instruments SN65LVDS048AD Datasheet HTML 3Page - Texas Instruments SN65LVDS048AD Datasheet HTML 4Page - Texas Instruments SN65LVDS048AD Datasheet HTML 5Page - Texas Instruments SN65LVDS048AD Datasheet HTML 6Page - Texas Instruments SN65LVDS048AD Datasheet HTML 7Page - Texas Instruments SN65LVDS048AD Datasheet HTML 8Page - Texas Instruments SN65LVDS048AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.ti.com
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
|V
ID
|
2
2.4 *
|V
ID
|
2
ELECTRICAL CHARACTERISTICS
SN65LVDS048A
SLLS451B – SEPTEMBER 2000 – REVISED SEPTEMBER 2002
TA ≤ 25°C
OPERATING FACTOR(1)
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
D
950 mW
7.6 mW/°C
494 mW
PW
774 mW
6.2 mW/°C
402 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air
flow.
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
Receiver input voltage
GND
3
V
VIC
Common-mode input voltage
V
VCC– 0.8
TA
Operating free-air temperature
–40
25
85
°C
over recommended operating free-air temperature range (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN TYP(2)
MAX
UNIT
VIT+
Differential input high threshold voltage
100
VCM = 1.2 V, 0.05 V, 2.35 V(3)
mV
VIT–
Differential input low threshold voltage
–100
V(CMR)
Common mode voltage range
VID = 200 mV pk to pk(4)
0.1
2.3
V
VIN = 2.8 V
–20
±1
20
µA
VCC = 3.6 V or 0 V
IIN
Input current
VIN = 0 V
–20
±1
20
µA
VIN = 3.6 V,
VCC = 0 V
–20
±1
20
µA
IOH = -0.4 mA, VID = 200 mV
2.7
3.2
V
VOH
Output high voltage
IOH = -0.4 mA, input terminated
2.7
3.2
V
IOH = -0.4 mA, input shorted
2.7
3.2
V
VOL
Output low voltage
IOL = 2 mA, VID = -200 mV
0.05
0.25
V
IOS
Output short circuit current
Enabled, VOUT = 0 V(5)
–65
–100
mA
IO(Z)
Output 3-state current
Disabled, VOUT = 0 V or VCC
–1
1
µA
VIH
Input high voltage
2.0
VCC
V
VIL
Input low voltage
GND
0.8
V
VIN = 0 V or VCC,
II
Input current (enables)
–10
10
µA
Other input = VCC or GND
VIK
Input clamp voltage
ICL = –18 mA
–1.5
–0.8
V
ICC
No load supply current, receivers enabled
EN = VCC, Inputs open
8
15
mA
ICC(Z)
No load supply current, receivers disabled
EN = GND, Inputs open
0.6
1.5
mA
(1)
Current into device pin is defined as positive. Current out of the device is defined as negative. All voltages are referenced to ground,
unless otherwise specified.
(2)
All typical values are at 25°C and with a 3.3-V supply.
(3)
VCC is always higher than RIN+ and RIN- voltage, RIN- and RIN+ have a voltage range of -0.2 V to VCC-VID/2. To be compliant with ac
specifications the common voltage range is 0.1 V to 2.3 V.
(4)
The VCMR range is reduced for larger VID, Example: If VID = 400 mV, the VCMR is 0.2 V to 2.2 V. The fail-safe condition with inputs
shorted is not supported over the common-mode range of 0 V to 2.4 V, but is supported only with inputs shorted and no external
common-mode voltage applied. A VID up to VCC-0 V may be applied to the RIN+ and RIN- inputs with the common-mode voltage set to
VCC/2. Propagation delay and differential pulse skew decrease when VID is increased from 200 mV to 400 mV. Skew specifications
apply for 200 mV < VID < 800 mV over the common-mode range.
(5)
Output short circuit current (IOS) is specified as magnitude only, minus sign indicates direction only. Only one output should be shorted
at a time. Do not exceed maximum junction temperature specification.
3
Submit Documentation Feedback


Similar Part No. - SN65LVDS048AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS048AD TI-SN65LVDS048AD Datasheet
282Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
SN65LVDS048ADR TI-SN65LVDS048ADR Datasheet
282Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
More results

Similar Description - SN65LVDS048AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS048 TI-SN65LVDS048 Datasheet
198Kb / 1P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
SN65LVDS048A TI-SN65LVDS048A Datasheet
282Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
   LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032QML TI1-DS90C032QML_13 Datasheet
722Kb / 19P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
DS90C032B TI1-DS90C032B Datasheet
1Mb / 16P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90C032 NSC-DS90C032_07 Datasheet
352Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B_03 Datasheet
193Kb / 9P
   LVDS Quad CMOS Differential Line Receiver
DS90C032 NSC-DS90C032 Datasheet
231Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B Datasheet
160Kb / 9P
   LVDS Quad CMOS Differential Line Receiver
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com