Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS048APW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS048APW
Description  LVDS QUAD DIFFERENTIAL LINE RECEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS048APW Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LVDS048APW Datasheet HTML 3Page - Texas Instruments SN65LVDS048APW Datasheet HTML 4Page - Texas Instruments SN65LVDS048APW Datasheet HTML 5Page - Texas Instruments SN65LVDS048APW Datasheet HTML 6Page - Texas Instruments SN65LVDS048APW Datasheet HTML 7Page - Texas Instruments SN65LVDS048APW Datasheet HTML 8Page - Texas Instruments SN65LVDS048APW Datasheet HTML 9Page - Texas Instruments SN65LVDS048APW Datasheet HTML 10Page - Texas Instruments SN65LVDS048APW Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
2.8
3
3.2
3.4
3.6
3
3.3
3.6
VCC − Power Supply Voltage − V
TA = 25°C
VID = 200 mV
52
53
54
55
56
57
3
3.3
3.6
TA = 25°C
VID = 200 mV
VCC − Power Supply Voltage − V
0
10
20
30
40
50
3
3.3
3.6
VCC − Power Supply Voltage − V
TA = 25°C
−80
−76
−72
−68
−64
−60
−56
3
3.3
3.6
VCC − Power Supply Voltage − V
TA = 25°C
VO = 0 V
SN65LVDS048A
SLLS451B – SEPTEMBER 2000 – REVISED SEPTEMBER 2002
OUTPUT HIGH VOLTAGE
OUTPUT LOW VOLTAGE
vs
vs
POWER SUPPLY VOLTAGE
POWER SUPPLY VOLTAGE
Figure 5.
Figure 6.
OUTPUT SHORT CIRCUIT CURRENT
DIFFERENTIAL TRANSITION VOLTAGE
vs
vs
POWER SUPPLY VOLTAGE
POWER SUPPLY VOLTAGE
Figure 7.
Figure 8.
7
Submit Documentation Feedback


Similar Part No. - SN65LVDS048APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS048APW TI-SN65LVDS048APW Datasheet
282Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
SN65LVDS048APWR TI-SN65LVDS048APWR Datasheet
282Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
More results

Similar Description - SN65LVDS048APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS048 TI-SN65LVDS048 Datasheet
198Kb / 1P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
SN65LVDS048A TI-SN65LVDS048A Datasheet
282Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
   LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032QML TI1-DS90C032QML_13 Datasheet
722Kb / 19P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
DS90C032B TI1-DS90C032B Datasheet
1Mb / 16P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90C032 NSC-DS90C032_07 Datasheet
352Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B_03 Datasheet
193Kb / 9P
   LVDS Quad CMOS Differential Line Receiver
DS90C032 NSC-DS90C032 Datasheet
231Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B Datasheet
160Kb / 9P
   LVDS Quad CMOS Differential Line Receiver
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com