Selected language     English  ▼


TL2575_07 Datasheet(PDF) 3 Page - Texas Instruments

Part No. TL2575_07
Description  1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 3 page
background image
www.ti.com
Internal
Regulator
On/Off
_
+
_
+
1.23-V
Band-Gap
Reference
52-kHz
Oscillator
Reset
Thermal
Shutdown
Current
Limit
FEEDBACK
4
CIN
+
VIN
1
Unregulated
DC Input
GND
3
OUTPUT
2
ON/OFF
5
COUT
+
D1
L
O
A
D
VOUT
1-A
Switch
Driver
Fixed-Gain
Error Amplifier
Comparator
R2
R1
1 kW
3.3 V: R2 = 1.7 kW
5 V: R2 = 3.1 kW
12 V: R2 = 8.84 kW
15 V: R2 = 11.3 kW
ADJ: R1 = Open, R2 = 0
L1
TL2575-05
7-V to 40-V
Unregulated
DC Input
CIN
100
µF
+
+VIN
1
3
GND
5
ON/OFF
D1
1N5819
OUTPUT
2
L1
330
µH
COUT
330
µF
+
FEEDBACK
4
5-V
Regulated
Output
1-A Load
L2
20
µH
C1
100
µF
+
Optional Output Ripple Filter
TL2575, TL2575HV
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
SLVS638B – MAY 2006 – REVISED JANUARY 2007
FUNCTIONAL BLOCK DIAGRAM
A.
Pin numbers are for the KTT (TO-263) package.
A.
Pin numbers are for the KTT (TO-263) package.
Figure 1. Typical Application Circuit (Fixed Version)
3
Submit Documentation Feedback




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
N2576G52 KHz 3A Step-Down Switching Voltage Regulator SVR 1 2 3 4 5 List of Unclassifed Manufacturers
N2576G-3.352 KHz 3A Step-Down Switching Voltage Regulator SVR 1 2 3 4 5 List of Unclassifed Manufacturers
TPS72501_07LOW INPUT VOLTAGE 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR 1 2 3 4 5 MoreTexas Instruments
N2576G-552 KHz 3A Step-Down Switching Voltage Regulator SVR 1 2 3 4 5 List of Unclassifed Manufacturers
LT1977High Voltage 1.5A 500kHz Step-Down Switching Regulator with 100uA Quiescent Current 1 2 3 4 5 MoreLinear Technology
GM71303A STEP-DOWN VOLTAGE REGULATORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
KA278RXXC2A Output Low Dropout Voltage Regulators 1 2 3 4 5 MoreFairchild Semiconductor
LT1054_06SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS 1 2 3 4 5 MoreTexas Instruments
MM5Z2V4T1_05Zener Voltage Regulators 200 mW SOD−523 Surface Mount 1 2 3 4 ON Semiconductor
2N5551HIGH VOLTAGE SWITCHING TRANSISTOR 1 2 3 4 Unisonic Technologies

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl