Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AC564NSRE4 Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74AC564NSRE4
Description  OCTAL D-TYPE EDGE-TRIGGERDE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AC564NSRE4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74AC564NSRE4 Datasheet HTML 5Page - Texas Instruments SN74AC564NSRE4 Datasheet HTML 6Page - Texas Instruments SN74AC564NSRE4 Datasheet HTML 7Page - Texas Instruments SN74AC564NSRE4 Datasheet HTML 8Page - Texas Instruments SN74AC564NSRE4 Datasheet HTML 9Page - Texas Instruments SN74AC564NSRE4 Datasheet HTML 10Page - Texas Instruments SN74AC564NSRE4 Datasheet HTML 11Page - Texas Instruments SN74AC564NSRE4 Datasheet HTML 12Page - Texas Instruments SN74AC564NSRE4 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MECHANICAL DATA
MSSO002E – JANUARY 1995 – REVISED DECEMBER 2001
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DB (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
4040065 /E 12/01
28 PINS SHOWN
Gage Plane
8,20
7,40
0,55
0,95
0,25
38
12,90
12,30
28
10,50
24
8,50
Seating Plane
9,90
7,90
30
10,50
9,90
0,38
5,60
5,00
15
0,22
14
A
28
1
20
16
6,50
6,50
14
0,05 MIN
5,90
5,90
DIM
A MAX
A MIN
PINS **
2,00 MAX
6,90
7,50
0,65
M
0,15
0
°–8°
0,10
0,09
0,25
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-150


Similar Part No. - SN74AC564NSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AC564NSRE4 TI-SN74AC564NSRE4 Datasheet
652Kb / 16P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AC564NSRE4

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC374 HITACHI-HD74HC374 Datasheet
67Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs),Octal D-type Flip-flops (with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HCT534 RENESAS-HD74HCT534_15 Datasheet
136Kb / 10P
   Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
HD74HC374 RENESAS-HD74HC374 Datasheet
117Kb / 9P
   Octal D-type Flip-Flops (with 3-state outputs)/Octal D-type Flip-Flops (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74BC574A HITACHI-HD74BC574A Datasheet
39Kb / 10P
   Octal D Type Flip Flops With 3 State Outputs
HD74LVC374A HITACHI-HD74LVC374A Datasheet
48Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
logo
Renesas Technology Corp
HD74LVC534 RENESAS-HD74LVC534 Datasheet
206Kb / 8P
   Octal D-type Flip Flops with 3-state Outputs
RD74LVC374B RENESAS-RD74LVC374B Datasheet
109Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
logo
Hitachi Semiconductor
HD74HCT564 HITACHI-HD74HCT564 Datasheet
68Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs)
HD74BC564A HITACHI-HD74BC564A Datasheet
42Kb / 10P
   Octal D Type Flip Flops With 3 State Outputs
HD74HC564 HITACHI-HD74HC564 Datasheet
65Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com