Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF370333IRGERG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TRF370333IRGERG4
Description  0.4-GHz TO 4-GHz QUADRATURE MODULATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF370333IRGERG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TRF370333IRGERG4 Datasheet HTML 5Page - Texas Instruments TRF370333IRGERG4 Datasheet HTML 6Page - Texas Instruments TRF370333IRGERG4 Datasheet HTML 7Page - Texas Instruments TRF370333IRGERG4 Datasheet HTML 8Page - Texas Instruments TRF370333IRGERG4 Datasheet HTML 9Page - Texas Instruments TRF370333IRGERG4 Datasheet HTML 10Page - Texas Instruments TRF370333IRGERG4 Datasheet HTML 11Page - Texas Instruments TRF370333IRGERG4 Datasheet HTML 12Page - Texas Instruments TRF370333IRGERG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
www.ti.com
f − Frequency − MHz
0
2
4
6
8
10
12
14
0
500 1000 1500 2000 2500 3000 3500 4000 4500
G001
–40
°C
25
°C
LO = 0 dB
VCC = 5 V
85
°C
f − Frequency − MHz
0
2
4
6
8
10
12
0
500 1000 1500 2000 2500 3000 3500 4000 4500
G002
4.5 V
LO = 0 dB
TA = 25°C
5.5 V
5 V
10
12
14
16
18
20
22
24
26
28
30
0
500 1000 1500 2000 2500 3000 3500 4000 4500
f − Frequency − MHz
G014
LO = 0 dBm
VCC = 5 V
–40
°C
25
°C
85
°C
f − Frequency − MHz
0
2
4
6
8
10
12
0
500 1000 1500 2000 2500 3000 3500 4000 4500
G003
–5 dBm
VCC = 5 V
TA = 25°C
0 dBm
5 dBm
TRF3703
SLWS184D – MARCH 2006 – REVISED JUNE 2007
TYPICAL CHARACTERISTICS (continued)
P1dB
P1dB
vs
vs
FREQUENCY AND TEMPERATURE
FREQUENCY AND SUPPLY VOLTAGE
Figure 5.
Figure 6.
P1dB
OIP3
vs
vs
FREQUENCY AND LO POWER
FREQUENCY AND TEMPERATURE
Figure 7.
Figure 8.
9
Submit Documentation Feedback


Similar Part No. - TRF370333IRGERG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF370333IRGERG4 TI-TRF370333IRGERG4 Datasheet
659Kb / 26P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF370333IRGERG4 TI-TRF370333IRGERG4 Datasheet
746Kb / 25P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF370333IRGERG4 TI1-TRF370333IRGERG4 Datasheet
879Kb / 28P
[Old version datasheet]   0.35-GHz TO 4-GHz QUADRATURE MODULATORS
TRF370333IRGERG4 TI1-TRF370333IRGERG4 Datasheet
879Kb / 28P
[Old version datasheet]   0.35-GHz TO 4-GHz QUADRATURE MODULATORS
More results

Similar Description - TRF370333IRGERG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3703 TI-TRF3703_08 Datasheet
746Kb / 25P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_07 Datasheet
659Kb / 26P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF370317 TI1-TRF370317_15 Datasheet
1Mb / 33P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346EVAL AD-AD8346EVAL Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Texas Instruments
TRF37T05_15 TI-TRF37T05_15_15 Datasheet
1,000Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF3705_15 TI-TRF3705_15_15 Datasheet
994Kb / 38P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05 TI1-TRF37T05 Datasheet
1Mb / 40P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05 TI-TRF37T05 Datasheet
1Mb / 36P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346 AD-AD8346_15 Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com