Electronic Components Datasheet Search
Selected language     English  ▼


ULN2004AI Datasheet(PDF) 6 Page - Texas Instruments

Part No. ULN2004AI
Description  HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 6 page
background image
ULN2004AI
HIGHVOLTAGE HIGHCURRENT DARLINGTON
TRANSISTOR ARRAY
SLRS055 − APRIL 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
50%
50%
50%
50%
tPHL
VOLTAGE WAVEFORMS
Input
tPLH
Figure 9. Propagation Delay-Time Waveforms
Output
Input
Open
VS
200
Output
CL = 15 pF
(see Note B)
90%
90%
1.5 V
1.5 V
10%
10%
40
µs
≤10 ns
≤5 ns
VIH
(see Note C)
0 V
VOH
VOL
Input
Output
TEST CIRCUIT
VOLTAGE WAVEFORMS
1N3064
2 mH
Pulse
Generator
(see Note A)
NOTES: A. The pulse generator has the following characteristics: PRR = 12.5 kHz, ZO = 50 Ω.
B. CL includes probe and jig capacitance.
C. For testing, VIH = 3 V
Figure 10. Latch-Up Test Circuit and Voltage Waveforms




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ULQ2003A-Q1_07HIGH-VOLTAGE HIGH-CRRENT DARLINGTON TRANSISTOR ARRAY 1 2 3 4 5 MoreTexas Instruments
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
ULN2003AHIGH-VOLTAGE HIGH-CURRENT DARLINGTON ARRAYS 1 2 3 4 5 MoreAllegro MicroSystems
UNL2803High-Voltage High-Current Darlington Arrays 1 2 3 4 5 List of Unclassifed Manufacturers
MJD44E3Darlington Power Transistor DPAK For Surface Mount Applications 10 AMPERES 80 VOLTS 20 WATTS 1 2 3 ON Semiconductor
MC3346GENERAL PURPOSE TRANSISTOR ARRAY ONE DIFFERENTIALLY CONNECTED PAIR AND THREE ISOIATED TRANSISTOR ARRAYS 1 2 3 4 Motorola, Inc
PS2566-1HIGH ISOLATION VOLTAGE AC INPUT DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES 1 2 3 4 5 MoreCalifornia Eastern Labs
BDX53BFPSILICON POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
MJE802_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl