Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82N11-AE3-O-B Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 82N11-AE3-O-B
Description  VOLTAGE DETECTORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

82N11-AE3-O-B Datasheet(HTML) 2 Page - Unisonic Technologies

  82N11-AE3-O-B Datasheet HTML 1Page - Unisonic Technologies 82N11-AE3-O-B Datasheet HTML 2Page - Unisonic Technologies 82N11-AE3-O-B Datasheet HTML 3Page - Unisonic Technologies 82N11-AE3-O-B Datasheet HTML 4Page - Unisonic Technologies 82N11-AE3-O-B Datasheet HTML 5Page - Unisonic Technologies 82N11-AE3-O-B Datasheet HTML 6Page - Unisonic Technologies 82N11-AE3-O-B Datasheet HTML 7Page - Unisonic Technologies 82N11-AE3-O-B Datasheet HTML 8Page - Unisonic Technologies 82N11-AE3-O-B Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
82NXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 17
www.unisonic.com.tw
QW-R502-057,B
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-89
12
3
82NXXX
Date Code
Voltage Code
N:N-Cannel
Space :Pb/Sn
L:Pb-free
Pin Code
TO-92
12
3
UTC
82NXXX
Voltage Code
Date Code
Pin Code
N:Channel
Space :Pb/Sn
L:Pb-free
SOT-23
09:0.9V
10:1.0V
11:1.1V
12:1.2V
13:1.3V
14:1.4V
15:1.5V
16:1.6V
17:1.7V
18:1.8V
19:1.9V
20:2.0V
21:2.1V
22:2.2V
23:2.3V
24:2.4V
25:2.5V
26:2.6V
27:2.7V
28:2.8V
29:2.9V
30:3.0V
31:3.1V
32:3.2V
33:3.3V
34:3.4V
35:3.5V
36:3.6V
37:3.7V
38:3.8V
39:3.9V
40:4.0V
41:4.1V
42:4.2V
43:4.3V
44:4.4V
45:4.5V
1
2
3
Voltage Code
Space :Pb/Sn
L:Pb-free
N
MARKING CODE FOR SOT-23
DETECT VOLATGE
DETECT VOLATGE
PART
NUMBER
VOLTAGE
CODE
MARKING CODE
PART
NUMBER
VOLTAGE
CODE
MARKING CODE
82N09
0.9V
09
N09
82N30
3.0V
30
N30
82N10
1.0V
10
N10
82N31
3.1V
31
N31
82N11
1.1V
11
N11
82N32
3.2V
32
N32
82N12
1.2V
12
N12
82N33
3.3V
33
N33
82N13
1.3V
13
N13
82N34
3.4V
34
N34
82N14
1.4V
14
N14
82N35
3.5V
35
N35
82N15
1.5V
15
N15
82N36
3.6V
36
N36
82N16
1.6V
16
N16
82N37
3.7V
37
N37
82N17
1.7V
17
N17
82N38
3.8V
38
N38
82N18
1.8V
18
N18
82N39
3.9V
39
N39
82N19
1.9V
19
N19
82N40
4.0V
40
N40
82N20
2.0V
20
N20
82N41
4.1V
41
N41
82N21
2.1V
21
N21
82N42
4.2V
42
N42
82N22
2.2V
22
N22
82N43
4.3V
43
N43
82N23
2.3V
23
N23
82N44
4.4V
44
N44
82N24
2.4V
24
N24
82N45
4.5V
45
N45
82N25
2.5V
25
N25
82N26
2.6V
26
N26
82N27
2.7V
27
N27
82N28
2.8V
28
N28
82N29
2.9V
29
N29


Similar Part No. - 82N11-AE3-O-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
82N11 UTC-82N11 Datasheet
280Kb / 13P
   VOLTAGE DETECTORS
More results

Similar Description - 82N11-AE3-O-B

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
82CXX_1112 UTC-82CXX_1112 Datasheet
396Kb / 20P
   VOLTAGE DETECTORS
82NXX UTC-82NXX_09 Datasheet
280Kb / 13P
   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
168Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com